Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9072 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9072 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button DA9072 Datasheet HTML 35Page - Renesas Technology Corp DA9072 Datasheet HTML 36Page - Renesas Technology Corp DA9072 Datasheet HTML 37Page - Renesas Technology Corp DA9072 Datasheet HTML 38Page - Renesas Technology Corp DA9072 Datasheet HTML 39Page - Renesas Technology Corp DA9072 Datasheet HTML 40Page - Renesas Technology Corp DA9072 Datasheet HTML 41Page - Renesas Technology Corp DA9072 Datasheet HTML 42Page - Renesas Technology Corp DA9072 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 117 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.2
13-Jun-2023
CFR0011-120-00
39 of 117
© 2023 Renesas Electronics
This feature becomes active when VDD_PWR falls below VDDPWR_IIN_DWN, which is
programmable between 4.2 V and 4.9 V by bit VDD_PWR_DPM (register 0x0028:[2:0]). The DPM
feature can be disabled by setting bit VDD_PWR_DPM_DIS (register 0x0028 [4]) = 0x1. However,
when DPM is disabled, the USB power source may be pulled down, triggering Sleep mode or input
UVLO.
The event bit ISR_VDD_PWR_DPM (register 0x0003 [3]) is set to 0x1 and the SYS_FLT pin toggles
whenever the DA9072 is in this current-limited mode. In Charging mode, termination is ignored to
allow the battery to be charged with any remaining current.
4.5.5
Dynamic Power Path Mode
Dynamic Power Path mode (DPPM) manages the situation in which the total charging and system
current exceeds the VDD_PWR current limit. When the input current is clamped, VDD_SYS drops until it
reaches VDD_SYS_THR_DPPM (DPPM threshold). In DPPM, charging current is reduced to service the
system current at VDD_SYS. DPPM is only active during charging and toggles SYS_FLT and set an
interrupt bit ISR_VBAT_DPPM (register 0x0004 [1]) = 0x1.
If VDD_SYS drops further due to increasing load, the DA9072 eventually enters Battery Supplement
mode.
4.5.6
Battery Supplement Mode
The DA9072 enters Battery Supplement mode when VDD_SYS falls below VBAT. Battery Supplement
mode occurs in USB powered operation, regardless of whether the battery is charging or not. Similar
to DPPM mode, the total current at VDD_SYS exceeds the VDD_PWR current limit, causing
VDD_SYS to drop until it reaches the VBAT voltage. In this mode, the battery supplies current to
VDD_SYS, thus supplementing the input current to supply the system demands. In Battery
Supplement mode, the discharge current from the battery is limited by the over-discharge protection.
Battery Supplement mode toggles the SYS_FLT pin and sets an event bit ISR_BAT_SPPL (register
0x0005 [1]) = 0x1. The device exits Battery Supplement mode when the system load is reduced and
VDD_SYS rises above VBAT.
4.5.7
Input Over-Voltage Protection
The DA9072 protects itself (and downstream connections to VDD_SYS) against input over-voltage
conditions by disconnecting VDD_PWR from the power path. Over-voltage protection (OVP) kicks in
immediately when VDD_PWR exceeds the OVP threshold. Over-voltage events are common at USB
plug-in due to the inductance of the long cable, where the transient overshoot may exceed 10 V
depending on cable length, quality, and input capacitance. The VDD_PWR input is capable of
withstanding up to 20 V and remains in OVP until the voltage returns to nominal levels. During OVP,
VDD_PWR is disconnected from the power path and DA9072 is in normal battery powered operation.
When an over-voltage occurs, the event bit ISR_VDD_PWR_OVP (reg 0x0003 [0]) = 0x1 and SYS-
FLT toggles.
4.5.8
VDD_PWR Input Supply Impedance
The DA9072 charging path is typically supplied by a 5 V USB source. USB cable resistance can
range from hundreds of milliohms to ohms. At higher charging currents, this parasitic input
impedance may cause VDD_PWR to drop from 5 V into the DPM range.
High USB cable resistance can lead to oscillations in DPM or Sleep mode. As VDD_PWR drops, the
DA9072 attempts to reduce current demand, which in turn causes VDD_PWR and current draw to
increase again. Follow the guidelines in Figure 24
to ensure that the DA9072’s internal hysteresis is
be sufficient to overcome these effects. The worst case is at highest battery voltage, the VBAT_CHG
regulation point.
It is recommended to always enable the DPM function, with the threshold set at least 0.4 V above the
VBAT_CHG voltage. Referring to Figure 24, with a DPM setting of 4.5 V and VBAT = 4.2 V, the
system has the potential to oscillate at any current greater than 75 mA. Note that this would only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com