Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9072 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9072 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button DA9072 Datasheet HTML 9Page - Renesas Technology Corp DA9072 Datasheet HTML 10Page - Renesas Technology Corp DA9072 Datasheet HTML 11Page - Renesas Technology Corp DA9072 Datasheet HTML 12Page - Renesas Technology Corp DA9072 Datasheet HTML 13Page - Renesas Technology Corp DA9072 Datasheet HTML 14Page - Renesas Technology Corp DA9072 Datasheet HTML 15Page - Renesas Technology Corp DA9072 Datasheet HTML 16Page - Renesas Technology Corp DA9072 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 117 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.2
13-Jun-2023
CFR0011-120-00
13 of 117
© 2023 Renesas Electronics
Parameter
Description
Conditions
Min
Typ
Max
Unit
VDD_LDO
VDD_LDO voltage
Load Switch (LDSW) mode
0.8
5.5
V
VDD_LDO voltage
LDO mode
1.8
5.5
V
VDDIO
IO voltage
VDDIO < VDD_PWR or VBAT,
whichever is greater
1.4
1.8
3.3
V
VDD_BUCK
Buck input voltage
Note 1
2.5
5.5
V
Note 1
VDD_BUCK must be greater than buck output voltage +600 mV.
2.4
Electrical Characteristics
Electrical characteristics table limits are guaranteed by production testing, design, or correlation
using standard statistical quality control methods unless otherwise stated. Typical (Typ)
specifications are mean or average values 25 °C and are not guaranteed.
Unless otherwise noted: VBAT = 3.7 V, VDD_SYS = 3.7 V, VDD_PWR = 5.0 V, VDDIO = 1.8 V, and
TA = -40 °C to 85 °C.
2.4.1
Battery Charger
Table 6: Battery Charger
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
VDD_SYS_THR
_DPPM
VDD_SYS DPPM voltage
threshold
VDD_SYS falling, above
VBAT_CHG
0.2
V
RON_CHG_INT
Battery charger MOSFET on
resistance
Measured from VBAT to
VDD_SYS
300
400
mΩ
VDROP_BAT_T
O_VDD_SYS
VBAT - VDD_SYS
VBAT > 3 V, IBAT discharge =
400 mA
120
160
mV
VBAT_SUP
Threshold to enter the
battery supplement mode
VVBAT > VVBAT_UVLO
VDD_
SYS <
VBAT
V
IBAT_DCHG_RN
G
Discharge current limit
setting range
Selectable 0.2 A / step
0.55
1.75
A
VBAT_CHG
Charge voltage range
Operating in voltage
regulation, programmable
range in 10 mV steps
3.6
4.65
V
VBAT_CHG_AC
C
Charge voltage accuracy
0 °C< TJ < 85 °C
-0.5
0.5
%
ICHG
Fast charge current range
2
500
mA
ICHG_ACC
Fast charge current accuracy
-5
5
%
ITER_RNG
Termination and pre-charge
current setting range
Termination current
programmable range
maximum over I2C
0.5
50
mA
ITER_ACC
Termination charge current
accuracy
Peak current below
termination threshold
-10
10
%
tTER_DEGLITCH
Termination deglitch time
Charge current falling
64
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com