Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV1455BBCZ Datasheet(PDF) 52 Page - Analog Devices

Part # ADMV1455BBCZ
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ Datasheet(HTML) 52 Page - Analog Devices

Back Button ADMV1455BBCZ Datasheet HTML 48Page - Analog Devices ADMV1455BBCZ Datasheet HTML 49Page - Analog Devices ADMV1455BBCZ Datasheet HTML 50Page - Analog Devices ADMV1455BBCZ Datasheet HTML 51Page - Analog Devices ADMV1455BBCZ Datasheet HTML 52Page - Analog Devices ADMV1455BBCZ Datasheet HTML 53Page - Analog Devices ADMV1455BBCZ Datasheet HTML 54Page - Analog Devices ADMV1455BBCZ Datasheet HTML 55Page - Analog Devices ADMV1455BBCZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 141 page
background image
Data Sheet
ADMV1455
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 52 of 141
BASEBAND MODE, DSA_IN, LOW BAND
All measurements use DSA_IN as an input and baseband IQ as an output, with the RF low-band settings. DSA_OUT is connected to RF_IN
on-board with a short 50Ω trace.
VDD_BB = 2.5V, all other supplies = 1.8V, and TC = 25°C, unless otherwise noted.
Measurements performed with PRF = −55dBm, PLO = −5dBm, fRF = 29GHz, fBB = 100MHz, fLO = 29.1GHz (lower sideband), maximum gain, RF
LPF setting = 0x00 (highest cutoff), LO tunable filter wideband low settings, and VOCM setting = 0x0C, unless otherwise noted.
Measurements performed with high gain settings (Register 0x194, Bits[1:0] = 0b'11) with on-board matching network, unless otherwise noted.
Measurements performed as single-ended measurements on BB_IP output only, with other outputs BB_IN, BB_QP, and BB_QN terminated in
50Ω loads, unless otherwise noted. Data is corrected for 8.15dB of output matching-network loss and 3dB of differential loss, unless otherwise
noted.
Conversion Gain
Figure 123. Conversion Gain vs. RF Input Frequency at Various
Temperatures
Figure 124. Conversion Gain vs. RF Input Frequency at Various LO Filter
Settings
Figure 125. Conversion Gain vs. RF Input Frequency at Various
Temperatures, Minimum Gain
Figure 126. Conversion Gain vs. RF Input Frequency at Various Gain Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com