Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV1455BBCZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADMV1455BBCZ
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADMV1455BBCZ Datasheet HTML 17Page - Analog Devices ADMV1455BBCZ Datasheet HTML 18Page - Analog Devices ADMV1455BBCZ Datasheet HTML 19Page - Analog Devices ADMV1455BBCZ Datasheet HTML 20Page - Analog Devices ADMV1455BBCZ Datasheet HTML 21Page - Analog Devices ADMV1455BBCZ Datasheet HTML 22Page - Analog Devices ADMV1455BBCZ Datasheet HTML 23Page - Analog Devices ADMV1455BBCZ Datasheet HTML 24Page - Analog Devices ADMV1455BBCZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 141 page
background image
Data Sheet
ADMV1455
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 21 of 141
Figure 14. Conversion Gain vs. IF Output Frequency at Various
Temperatures, 10GHz IF Filter
Figure 15. Conversion Gain vs. DSA3 Settings at Various Temperatures,
Single fRF = 49GHz
Figure 16. Conversion Gain Step vs. DSA3 Settings at Various Temperatures,
Single fRF = 49GHz
Figure 17. Conversion Gain vs. RF Input Frequency at Various DSA2 Settings
Figure 18. Conversion Gain vs. RF Input Frequency at Various DSA3 Settings
Figure 19. Conversion Gain vs. IF Output Frequency at Various DSA4
Settings, 4GHz IF Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com