Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXLSMCJLCE170AE3 Datasheet(PDF) 3 Page - Microchip Technology

Part # MXLSMCJLCE170AE3
Description  1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXLSMCJLCE170AE3 Datasheet(HTML) 3 Page - Microchip Technology

  MXLSMCJLCE170AE3 Datasheet HTML 1Page - Microchip Technology MXLSMCJLCE170AE3 Datasheet HTML 2Page - Microchip Technology MXLSMCJLCE170AE3 Datasheet HTML 3Page - Microchip Technology MXLSMCJLCE170AE3 Datasheet HTML 4Page - Microchip Technology MXLSMCJLCE170AE3 Datasheet HTML 5Page - Microchip Technology MXLSMCJLCE170AE3 Datasheet HTML 6Page - Microchip Technology MXLSMCJLCE170AE3 Datasheet HTML 7Page - Microchip Technology MXLSMCJLCE170AE3 Datasheet HTML 8Page - Microchip Technology MXLSMCJLCE170AE3 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MSMCGLCE6.5A – MXLSMCGLCE170Ae3, MSMCJLCE6.5A – MXLSMCJLCE170Ae3
Maximum Ratings
 Data Sheet
© 2013-2026 Microchip Technology Inc. and its subsidiaries
DS00005170C - 3
1.
Maximum Ratings
Table 1-1. Maximum Ratings at 25 °C Unless Otherwise Stated
Parameters/Test Conditions
Symbol
Value
Unit
Junction and storage temperature
TJ and TSTG
–65 to +150
°C
Thermal resistance junction-to-lead1
RӨJL
20
°C/W
Peak pulse power dissipation at 25 °C (at 10/1000 μs, see Figure 4-1,
Figure 4-2, and Figure 4-3 )2
PPP
1500
W
Impulse repetition rate (duty factor)
df
0.01 or less
%
tclamping (0 volts to V(BR) min.)
tclamping
< 5x10–9
s
Rated average power dissipation
TL = +50 °C
TA = 25 °C
PM(AV)
5.0
1.5
W
Solder temperature at 10 s
TSP
260
°C
Notes: 
1. Typical junction to lead (tab) at mounting plane
2. With a repetition rate of 0.01% or less. When pulse testing, do not pulse in opposite direction
(see Application Schematics herein and Figure 5-2 and Figure 5-3 for further protection in both
directions.)
1.1.
Mechanical and Packaging
• Case: Void-free transfer molded thermosetting epoxy body meeting UL94V-0
• Terminals: Tin-lead or RoHS compliant annealed matte-tin plating. Solderable to MIL-STD-750,
method 2026
• Marking: Part number with abbreviated prefix (MCLC6.5A, MCLC6.5Ae3, MCLC33, MCLC33e3, etc.)
• Polarity: Cathode indicated by band
• Tape and reel option: Standard per EIA-481-B with 16 mm tape (add “TR” suffix to part number).
Consult factory for quantities.
• Weight: Approximately 0.25 grams
• See Package Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com