Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXLSMCJLCE170AE3 Datasheet(PDF) 4 Page - Microchip Technology

Part # MXLSMCJLCE170AE3
Description  1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXLSMCJLCE170AE3 Datasheet(HTML) 4 Page - Microchip Technology

  MXLSMCJLCE170AE3 Datasheet HTML 1Page - Microchip Technology MXLSMCJLCE170AE3 Datasheet HTML 2Page - Microchip Technology MXLSMCJLCE170AE3 Datasheet HTML 3Page - Microchip Technology MXLSMCJLCE170AE3 Datasheet HTML 4Page - Microchip Technology MXLSMCJLCE170AE3 Datasheet HTML 5Page - Microchip Technology MXLSMCJLCE170AE3 Datasheet HTML 6Page - Microchip Technology MXLSMCJLCE170AE3 Datasheet HTML 7Page - Microchip Technology MXLSMCJLCE170AE3 Datasheet HTML 8Page - Microchip Technology MXLSMCJLCE170AE3 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MSMCGLCE6.5A – MXLSMCGLCE170Ae3, MSMCJLCE6.5A – MXLSMCJLCE170Ae3
Part Nomenclature
 Data Sheet
© 2013-2026 Microchip Technology Inc. and its subsidiaries
DS00005170C - 4
2.
Part Nomenclature
Figure 2-1. Part Nomenclature
2.1.
Symbols and Definitions
Table 2-1. Symbols and Definitions
Symbol
Definition
αV(BR)
Temperature coefficient of breakdown voltage: The change in breakdown voltage divided by the change in
temperature that caused it expressed in %/°C or mV/°C.
CT
Total capacitance: The total small signal capacitance between the diode terminals of a complete device.
I(BR)
Breakdown current: The current used for measuring Breakdown Voltage V(BR).
ID
Standby current: The current through the device at working standoff voltage.
IIB
Inverse blocking leakage current: The current through a unidirectional-blocking low capacitance device at
working inverse blacking voltage (VWIB)
IPP
Peak impulse current: The peak current during an impulse.
PPP
Peak pulse power: The peak power that can be applied for a specific pulse width and waveform. The product
of IPP and VC.
V(BR)
Breakdown voltage: The voltage across the device at a specified current I(BR) in the breakdown region.
VC
Clamping voltage: The voltage across the device in a region of low differential resistance during the
application of an impulse current (IPP) for a specified waveform.
VPIB
Peak inverse blocking voltage: Minimum breakdown voltage of the series low capacitance rectifier.
VWIB
Working inverse blocking voltage: The maximum-rated value of dc or peak blocking voltage that may be
applied to a unidirectional-blocking low-capacitance diode in the inverse direction. Above this rated voltage,
the diode is not to be surge or impulse tested for any reason.
VWM
Working standoff voltage: The maximum-rated value of DC or repetitive peak positive cathode-to-anode
voltage that may be continuously applied over the standard operating temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com