Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC014 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC014
Description  Adaptive Cable Equalizer for High-Speed Data Recovery
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC014 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CLC014_03 Datasheet HTML 4Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 5Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 6Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 7Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 8Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 9Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 10Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 11Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Pin Definitions
Name
Pin #
Description
DI, DI
8, 9
Differential data inputs.
DO, DO
13,
14
Differential collector data
outputs (ECL compatible).
AEC+,
AEC−
6, 7
AEC loop filter pins.
A capacitor connected
between these pins governs
the loop response for the
adaptive equalization loop.
OEM
3
Eye monitor output. The
output of the equalization
filter.
CD
5
Carrier detect. (Low when no
signal is present).
MUTE
12
Output MUTE. (Active low.)
Carrier detect may be tied to
this pin to inhibit the output
when no signal is present.
V
CC
1, 2,
4
Positive supply pins (ground
or +5V).
V
EE
10, 11 Negative supply pins (−5.2V
or ground).
Operation
The CLC014 Adaptive Cable Equalizer provides a complete
solution for equalizing high-bit-rate digital data transmitted
over long transmission lines. The following sections furnish
design and application information to assist in completing a
successful design:
•
Block diagram explanation of the CLC014
•
Recommended standard input and output interface con-
nections
•
Common applications for the CLC014
•
Measurement, PC layout, and cable emulation boxes
For applications assistance in the U.S., call 800-272-9959 to
contact a technical staff member.
BLOCK DESCRIPTION
The CLC014 is an adaptive equalizer that reconstructs serial
digital data received from transmission lines such as coaxial
cable or twisted pair. Its transfer function approximates the
reciprocal of the cable loss characteristic. The block diagram
in Figure 2 depicts the main signal conditioning blocks for
equalizing digital data at the receiving end of a cable. The
CLC014 receives baseband differential or single-ended digi-
tal signals at its inputs DI and DI.
The Equalizer block is a two-stage adaptive filter. This filter
is capable of equalizing cable lengths from zero meters to
lengths that require 40 dB of boost at 200 MHz.
The Quantized Feedback Comparator block receives the
differential signals from the equalizer filter block. This block
includes two comparators. The first comparator incorporates
a self-biasing DC restore circuit. This is followed by a second
high-speed comparator with output mute capability. The sec-
ond comparator receives and slices the DC-restored data.
Its outputs DO and DO are taken from the collectors of the
output transistors. MUTE latches DO and DO when a TTL
logic low level is applied.
The Adaptive Servo Control block produces the signal for
controlling the filter block, and outputs a voltage proportional
to cable length. It receives differential signals from the output
of the filter block and from the quantized-feedback compara-
tor (QFBC) to develop the control signal. The servo loop
response is controlled by an external capacitor placed
across the AEC+ and AEC− pins. Its output voltage, as
measured differentially across AEC+ and AEC−, is roughly
proportional to the length of the transmission line. For
Belden 8281 coaxial cable this differential voltage is about
1.5 mV/meter. Once this voltage exceeds 500 mV, no addi-
tional equalization is provided.
The Carrier Detect (CD) block monitors the signal power out
of the equalizing filter and compares it to an internal refer-
ence to determine if a valid signal is present. A CMOS high
output indicates that data is present. The output of CD can
be connected to the MUTE input to automatically latch the
outputs (DO and DO), preventing random transitions when
no data is present.
The Output Eye Monitor (OEM) provides a single-ended
buffered output for observing the equalized eye pattern. The
OEM output is a low impedance high-speed voltage driver
capable of driving an AC-coupled 100
Ω load.
10005620
FIGURE 1. CLC014 Equalizer Application Circuit
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com