Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC014 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC014
Description  Adaptive Cable Equalizer for High-Speed Data Recovery
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC014 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button CLC014_03 Datasheet HTML 5Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 6Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 7Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 8Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 9Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 10Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 11Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 12Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Operation (Continued)
DEVICE TESTING
Performance or compliancy testing of the CLC014 with
Cable Clones is not allowed. Use of these devices is con-
trary to the product’s specifications and test procedures.
Testing for product specifications or performance using cable
clones is invalid since cable clones have a different fre-
quency response than the actual cable. Testing with full
length cable samples is recommended.
Input Interfacing
The CLC014 accepts either differential or single-ended input
voltage specified in Static Performance. The following sec-
tions show several suggestions for interfaces for the inputs
and outputs of the CLC014.
SINGLE-ENDED INPUT INTERFACE: 75
Ω Coaxial Cable
The input is connected single-ended to either DI or DI as
shown in Figure 3. Balancing unused inputs helps to lessen
the effects of noise. Use the equivalent termination of 37.5
Ω
to balance the input impedance seen by each pin. It also
helps to terminate grounds at a common point. Resistors R
x
and R
y are recommended for optimum performance. The
equalizer inputs are self-biasing. Signals should be AC
coupled to the inputs as shown in Figure 3.
DIFFERENTIAL INPUT INTERFACE: Twisted Pair
A recommended differential input interface is shown in Fig-
ure 4. Proper voltage levels must be furnished to the input
pins and the proper cable terminating impedance must be
provided. For Category 5 UTP this is approximately 100
Ω.
Figure 4 shows a generalized network which may be used to
receive data over a twisted pair. Resistors R
1 and R2 provide
the proper terminating impedance and signal level adjust-
ment. The blocking capacitors provide AC coupling of the
attenuated signal levels. The plots in the Typical Perfor-
mance Characteristics section demonstrate various equal-
ized data rates using Category 5 UTP at 100 meter lengths.
A full schematic of a recommended driver and receiver cir-
cuit for 100
Ω Category 5 UTP is provided in the Typical
Applications section with further explanation.
Output Interfacing
The outputs DO and DO produce ECL logic levels when the
recommended output termination networks are used. The
DO and DO pins are not complementary emitter coupled
logic outputs. Instead, the outputs are taken off of the col-
lectors of the transistors. Therefore, care must be taken to
meet the interface threshold levels required by ECL families.
Recommended interfaces for standard ECL families are
shown in the following circuits.
DIFFERENTIAL LOAD-TERMINATED OUTPUT
INTERFACE
Figure 5 shows a recommended circuit for implementing a
differential output that is terminated at the load. A diode or
75
Ω resistor provides a voltage drop from the positive supply
(+5V for PECL or Ground for ECL operation) to establish
proper ECL levels. The resistors terminate the cable to the
characteristic impedance. The output voltage swing is deter-
mined by the CLC014 output current (10 mA) times the
termination resistor. For the circuit in Figure 5, the nominal
output voltage swing is 750 mV.
10005621
FIGURE 2. CLC014 Block Diagram
10005622
FIGURE 3. Single-Ended 75
Ω Cable Input Interface
10005624
FIGURE 4. Twisted Pair Input Interface
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com