Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC014 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC014
Description  Adaptive Cable Equalizer for High-Speed Data Recovery
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC014 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button CLC014 Datasheet HTML 6Page - National Semiconductor (TI) CLC014 Datasheet HTML 7Page - National Semiconductor (TI) CLC014 Datasheet HTML 8Page - National Semiconductor (TI) CLC014 Datasheet HTML 9Page - National Semiconductor (TI) CLC014 Datasheet HTML 10Page - National Semiconductor (TI) CLC014 Datasheet HTML 11Page - National Semiconductor (TI) CLC014 Datasheet HTML 12Page - National Semiconductor (TI) CLC014 Datasheet HTML 13Page - National Semiconductor (TI) CLC014 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Output Interfacing (Continued)
DIFFERENTIAL SOURCE-TERMINATED OUTPUT
INTERFACE
Figure 6 is similar to Figure 5 except that the termination is
provided at the source. This configuration may also be used
for single-ended applications. However, the unused output
must still be terminated as shown.
TERMINATING PHYSICALLY SEPARATED OUTPUTS
When the two outputs must be routed to physically separate
locations, the circuit in Figure 6 may be applied. Alterna-
tively, if load termination is desired, the circuit in Figure 7
may be used. The resistive divider network provides 75
termination and establishes proper ECL levels. This circuit
consumes slightly more power than the previous circuits.
Design Guidelines
SELECTING THE AUTOMATIC EQUALIZER CAPACITOR
The AEC capacitor sets the loop time constant
τ for the
equalizer’s adaptive loop response time. The following for-
mula is used to set the loop time constant:
τ =R C
AEC 10
−6
R is a conversion factor that is set by internal equalizer
parameters and cable length. For Belden 8281 coaxial
cable, the R values are (
τ = µs, C
AEC in pF):
Cable
Length
R Value
(Ohms)
100 meters
15000
200 meters
20000
300 meters
32000
For example, a C
AEC value of 100 pF results in an adaptive
loop time constant of 2 µs at 200 meters of cable.
CONNECTION AND OPERATION OF CD AND MUTE
Carrier Detect (CD) is a CMOS output that indicates the
presence of equalized data from the filter. This CD output
can be connected to MUTE to suspend changes in the data
outputs DO and DO, if no valid signal exists. This simple
configuration prevents random output transitions due to
noise. For sparse transition patterns it is recommended that
a capacitor be connected to CD as shown in Figure 1.
Add a capacitor to pin 5 to slow the response time of Carrier
Detect when Carrier Detect is connected to MUTE. The
capacitor reduces sensitivity to pathological patterns. Patho-
logical patterns are defined as sparse data sequences with
few transitions.
OUTPUT EYE MONITOR OEM CONNECTIONS
The OEM is a high-speed, buffered output for monitoring the
equalized eye pattern prior to the output comparator. Its
output is designed to drive an AC-coupled 50
Ω coaxial cable
with a series 50
Ω backmatch resistor. The cable should be
terminated with 50
Ω at the oscilloscope. Figure 1 shows a
schematic with a typical connection.
10005625
FIGURE 5. Differential Load Terminated
Output Interface
10005626
FIGURE 6. Differential Source Terminated
Output Interface
10005627
FIGURE 7. Alternative Load Terminated
Output Interface
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com