Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC030VEC Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC030VEC
Description  SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC030VEC Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button CLC030VEC Datasheet HTML 16Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 17Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 18Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 19Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 20Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 21Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 22Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 23Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Device Operation (Continued)
FORMAT REGISTERS 0 (Addresses 0Bh)
The CLC030 may be set to process a single video format by
writing the appropriate data into the FORMAT 0 register. The
Format Set[4:0] bits confine the CLC030 to recognize and
process only one of the fourteen specified types of standard
or high definition formats. When the CLC030 is set to pro-
cess a single format, it will not recognize and therefore will
not process other formats that it is capable of recognizing.
The Format Set[4:0] bits may not be used to confine device
operation to a range of standards. For normal operating
situations, it is recommended that the CLC030 be operated
in automatic format detection mode, i.e. that the Format 0
register be set to 00h.
The available formats and codes are detailed in Table 4.
Generally speaking, the Format Set[4:0] codes indicate or
group the formats as follows: Format Set[4] is set for the HD
formats and reset for the SD formats. Format Set[3] when
set indicates that PAL data is being processed. When reset
NTSC data is being processed. Format Set[2:0] correspond
to one of the sub-standards given in the table. Note that the
CLC030 makes no distinction in formats resulting from the
processing of data at 74.25MHz or 74.176MHz.
The HD Only bit when set to a logic-1 locks the CLC030 into
the high definition data range and frequency. In systems
designed to handle only high definition signals, enabling HD
Only reduces the time required for the CLC030 to establish
frequency lock and determine the HD format being pro-
cessed.
The SD Only bit when set to a logic-1 locks the CLC030 into
the standard definition data ranges and frequencies. In sys-
tems designed to handle only standard definition signals,
enabling SD Only reduces the time required for the CLC030
to establish frequency lock and determine the format being
processed. When SD Only and HD Only are set to logic-0,
the device operates in SD/HD mode.
TABLE 4. Video Raster Format Parameters
Format
Code
[4,3,2,1,0]
Format
Specification
Frame
Rate
Lines
Active Lines
Samples
Active
Samples
00001
SDTV, 54
SMPTE 344M
60I
525
507/487
3432
2880
00010
SDTV, 36
SMPTE 267M
60I
525
507/487
2288
1920
00011
SDTV, 27
SMPTE 125M
60I
525
507/487
1716
1440
01001
SDTV, 54
ITU-R BT
601.5
50I
625
577
3456
2880
01010
SDTV, 36
ITU-R BT
601.5
50I
625
577
2304
1920
01011
SDTV, 27
ITU-R BT
601.5
50I
625
577
1728
1440
10001
HDTV, 74.25
SMPTE 260M
30I
1125
1035
2200
1920
10010
HDTV, 74.25
SMPTE 274M
30I
1125
1080
2200
1920
10011
HDTV, 74.25
SMPTE 274M
30P
1125
1080
2200
1920
11001
HDTV, 74.25
SMPTE 274M
25I
1125
1080
2640
1920
11010
HDTV, 74.25
SMPTE 274M
25P
1125
1080
2640
1920
11100
HDTV, 74.25
SMPTE 295M
25I
1250
1080
2376
1920
11101
HDTV, 74.25
SMPTE 274M
24P
1125
1080
2750
1920
10100
HDTV, 74.25
SMPTE 296M
60P
750
720
1650
1280
FORMAT REGISTER 1 (Address 0Ch)
The CLC030 can automatically determine the format of the
incoming parallel data. The result of this operation is stored
in the FORMAT 1 register. The Format[4:0] bits identify
which of the many possible video data standards that the
CLC030 can process is being received. These format codes
follow the same arrangement as for the Format Set[4:0]
bits. These formats and codes are given in Table 4. Bit
Format[4] when set indicates that HD data is being pro-
cessed. When reset, SD data is indicated. Format[3] when
set indicates that PAL data is being processed. When reset
NTSC data is being processed. Format[2:0] correspond
with one of the sub-standards given in the table.
The H, V, and F bits register correspond to input TRS data
bits 6, 7 and 8, respectively. The meaning and function of
this data is the same for both standard definition (SMPTE
125M) and high definition (SMPTE 292M luminance and
color difference) video data. Polarity is logic-1 equals HIGH-
true. These bits are registered for the duration of the appli-
cable field.
TEST 0 REGISTER (Address 0Dh)
The Test Pattern Select bits determine which test pattern is
output when the Test Pattern Generator (TPG) mode or the
Built-in Self-Test (BIST) mode is enabled. Table 5 gives the
codes corresponding to the various test patterns. All HD
color bars test patterns are BIST data. Standard Definition
BIST test patterns are: NTSC, 27MHz, 4x3 color Bars and
PAL, 27MHz, 4x3 PLL Pathological.
The TPG Enable bit when set to a logic-1 enables the Test
Pattern Generator function and built-in self-test (BIST). This
bit is mapped to I/O port bit 7 in the default condition. Note
that the input pulldown on the I/O port bit has the effect of
overriding the logic level of data being written into the regis-
ter via the ancillary/Control Data Port. In cases where it is
desired to control the state of TPG Enable through the
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com