Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC030VEC Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC030VEC
Description  SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC030VEC Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button CLC030VEC Datasheet HTML 21Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 22Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 23Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 24Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 25Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 26Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 27Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 28Page - National Semiconductor (TI) CLC030VEC Datasheet HTML 29Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
Pin Descriptions (Continued)
Pin
Name
Description
50
ANC/CTRL
Ancillary/Control Data Port Function Control Input
51
V
DDSD
Positive Power Supply Input (3.3V supply, Output Driver)
52
R
REFPRE
Output Preemphasis Reference Resistor (4.75 K
Ω, 1% Nom.)
53
R
REFLVL
Output Level Reference Resistor (4.75 K
Ω, 1% Nom.)
54
V
SSSD
Negative Power Supply Input (3.3V supply, Output Driver)
55
V
SSSD
Negative Power Supply Input (3.3V supply, Output Driver)
56
SDO
Serial Data True Output
57
V
DDLS
Positive Power Supply Input (3.3V supply, Level Shift)
58
SDO
Serial Data Complement Output
59
V
SSLS
Negative Power Supply Input (3.3V supply, Level Shift)
60
V
DDZ
Positive Power Supply Input (2.5V supply, Serializer)
61
V
SSPLLA
Negative Power Supply Input (2.5V supply, PLL Analog)
62
V
DDPLLA
Positive Power Supply Input (2.5V supply, PLL Analog)
63
VCLK
Video Data Clock Input
64
Reset
Manual Reset Input (High True)
Note: All LVCMOS inputs except VCLK and ACLK have internal pull-down devices.
www.national.com
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com