Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4020211111. Datasheet(PDF) 1 Page - VARTA AG

Part # 4020211111.
Description  Zn-MnO₂ (Alkaline)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VARTA [VARTA AG]
Direct Link  https://www.varta-ag.com/en/
Logo VARTA - VARTA AG

4020211111. Datasheet(HTML) 1 Page - VARTA AG

  4020211111. Datasheet HTML 1Page - VARTA AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Sheet
VARTA INDUSTRIAL PRO
VARTA Microbattery GmbH, VARTA-Platz 1, D-73479 Ellwangen /
Subject to change without prior notice
Tel.: (+49 7961/921-0,
Telefax (+49) 7961 / 921-2553
Page 1 / 1 Date of issue: 2022-04-06
Type Designation
4020
Designation IEC
LR20
System
Zn-MnO2 (Alkaline)
Shelf Life (Coding)*
10 years
Nominal Voltage [V]
1.5
Typical Capacity C [mAh]
17000 (50mA cont. / 0,8V cut-off)
Permissible Temperature Range
- 20 °C ... 60 °C
Weight, approx. [g]
140,4
Volume [ccm]
51.3
Dimensions [mm]
min: max:
32.3
34.2
A
-
61.5
B
59.5
-
C
18.0
-
E
-
1.0
F
-
9.5
G
1.5
-
Typical Capacities (at 20°C)
* In consideration of typical loss of capacity at storage and application.
Discharge Type
Load
End Voltage[V]
0.9
4M/15M,8H/D,7D/W
2.2 
Time [h]
26,8
Portable lighting
Capacity [Ah]
13,9
Energy [Wh]
16,0
Discharge Type
Load
End Voltage[V]
0.8
1H/D,7D/W
2.2 
Time [h]
28,0
Toy
Capacity [Ah]
14,2
Energy [Wh]
16,0
Discharge Type
Load
End Voltage[V]
0.9
2H/D,7D/W
600 mA
Time [h]
18,9
Portable Stereo
Capacity [Ah]
11,4
Energy [Wh]
12,9


Similar Part No. - 4020211111.

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
40202 TURCK-40202 Datasheet
1Mb / 4P
Inductive Sensor
11/07/2023
4020201 TURCK-4020201 Datasheet
435Kb / 4P
Inductive Sensor
11/07/2023
4020205 TURCK-4020205 Datasheet
365Kb / 4P
Inductive Sensor
11/07/2023
More results

Similar Description - 4020211111.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX1300 ETC-MX1300 Datasheet
92Kb / 2P
ALKALINE MANGANESE DIOXIDE BATTERY
MN9100 ETC2-MN9100 Datasheet
84Kb / 2P
Alkaline Manganese Dioxide Battery
logo
Dubilier
AAA600 DUBILIER-AAA600 Datasheet
95Kb / 1P
ALKALINE
LR20X DUBILIER-LR20X Datasheet
90Kb / 1P
BATTERIES ALKALINE
logo
List of Unclassifed Man...
MN1400 ETC2-MN1400 Datasheet
275Kb / 5P
Alkaline-Manganese Dioxide Battery
logo
Ultralife Corporation.
U9VL-J-P ULTRALIFE-U9VL-J-P Datasheet
572Kb / 2P
Alkaline 9V replacement
Rev: P
logo
Duracell
LR43 DURACELL-LR43 Datasheet
176Kb / 1P
Alkaline Manganese Dioxide Battery
logo
Tokyo Coil Engineering ...
SHP0735P-F TCE-SHP0735P-F Datasheet
310Kb / 3P
Shield Type Ni-Zn Ferrite Chocke Coils
logo
Murata Manufacturing Co...
LR1130 MURATA1-LR1130 Datasheet
472Kb / 2P
Alkaline manganese batteries
logo
Huber+Suhner, Inc.
02-H200FJ_ZN_Z-__ HUBERSUHNER-02-H200FJ_ZN_Z-___17 Datasheet
158Kb / 2P
02-H200/FJ(ZN)Z-...17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com