Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5750 Datasheet(PDF) 21 Page - TDK Electronics

Part # C5750
Description  MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, mid voltage (100 to 630V)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C5750 Datasheet(HTML) 21 Page - TDK Electronics

Back Button C5750 Datasheet HTML 17Page - TDK Electronics C5750 Datasheet HTML 18Page - TDK Electronics C5750 Datasheet HTML 19Page - TDK Electronics C5750 Datasheet HTML 20Page - TDK Electronics C5750 Datasheet HTML 21Page - TDK Electronics C5750 Datasheet HTML 22Page - TDK Electronics C5750 Datasheet HTML 23Page - TDK Electronics C5750 Datasheet HTML 24Page - TDK Electronics C5750 Datasheet HTML 25Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
20250326 / mlcc_commercial_midvoltage_en
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
(21/25)
MULTILAYER CERAMIC CHIP CAPACITORS
■Gray items: These products are not recommended for new designs.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: X7R (–55 to +125°C,±15%)
Capacitance
Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 630V
Rated voltage Edc: 250V
Rated voltage Edc: 100V
1nF
1608
0.80±0.10
±10%
C1608X7R2A102K080AA
±20%
C1608X7R2A102M080AA
2012
0.85±0.15
±10%
C2012X7R2E102K085AA
C2012X7R2A102K085AA
±20%
C2012X7R2E102M085AA
C2012X7R2A102M085AA
3216
1.15±0.15
±10%
C3216X7R2J102K115AA
±20%
C3216X7R2J102M115AA
1.5nF
1608
0.80±0.10
±10%
C1608X7R2A152K080AA
±20%
C1608X7R2A152M080AA
2012
0.85±0.15
±10%
C2012X7R2E152K085AA
C2012X7R2A152K085AA
±20%
C2012X7R2E152M085AA
C2012X7R2A152M085AA
3216
1.15±0.15
±10%
C3216X7R2J152K115AA
±20%
C3216X7R2J152M115AA
2.2nF
1608
0.80±0.10
±10%
C1608X7R2A222K080AA
±20%
C1608X7R2A222M080AA
2012
0.85±0.15
±10%
C2012X7R2E222K085AA
C2012X7R2A222K085AA
±20%
C2012X7R2E222M085AA
C2012X7R2A222M085AA
3216
1.15±0.15
±10%
C3216X7R2J222K115AA
±20%
C3216X7R2J222M115AA
3.3nF
1608
0.80±0.10
±10%
C1608X7R2A332K080AA
±20%
C1608X7R2A332M080AA
2012
0.85±0.15
±10%
C2012X7R2E332K085AA
C2012X7R2A332K085AA
±20%
C2012X7R2E332M085AA
C2012X7R2A332M085AA
3216
1.15±0.15
±10%
C3216X7R2J332K115AA
±20%
C3216X7R2J332M115AA
4.7nF
1608
0.80±0.10
±10%
C1608X7R2A472K080AA
±20%
C1608X7R2A472M080AA
2012
0.85±0.15
±10%
C2012X7R2E472K085AA
C2012X7R2A472K085AA
±20%
C2012X7R2E472M085AA
C2012X7R2A472M085AA
3216
1.15±0.15
±10%
C3216X7R2J472K115AA
±20%
C3216X7R2J472M115AA
6.8nF
1608
0.80±0.10
±10%
C1608X7R2A682K080AA
±20%
C1608X7R2A682M080AA
2012
0.85±0.15
±10%
C2012X7R2A682K085AA
±20%
C2012X7R2A682M085AA
1.25±0.20
±10%
C2012X7R2E682K125AA
±20%
C2012X7R2E682M125AA
3216
1.15±0.15
±10%
C3216X7R2J682K115AA
±20%
C3216X7R2J682M115AA
10nF
1608
0.80±0.10
±10%
C1608X7R2A103K080AA
±20%
C1608X7R2A103M080AA
2012
0.85±0.15
±10%
C2012X7R2A103K085AA
±20%
C2012X7R2A103M085AA
1.25±0.20
±10%
C2012X7R2E103K125AA
±20%
C2012X7R2E103M125AA
3216
1.15±0.15
±10%
C3216X7R2J103K115AA
±20%
C3216X7R2J103M115AA
15nF
1608
0.80±0.10
±10%
C1608X7R2A153K080AA
±20%
C1608X7R2A153M080AA
2012
1.25±0.20
±10%
C2012X7R2E153K125AA
C2012X7R2A153K125AA
±20%
C2012X7R2E153M125AA
C2012X7R2A153M125AA
3216
1.15±0.15
±10%
C3216X7R2E153K115AA
±20%
C3216X7R2E153M115AA
1.30±0.20
±10%
C3216X7R2J153K130AA
±20%
C3216X7R2J153M130AA
22nF
1608
0.80±0.10
±10%
C1608X7R2A223K080AA
±20%
C1608X7R2A223M080AA
2012
1.25±0.20
±10%
C2012X7R2E223K125AA
C2012X7R2A223K125AA
±20%
C2012X7R2E223M125AA
C2012X7R2A223M125AA
3216
1.15±0.15
±10%
C3216X7R2E223K115AA
±20%
C3216X7R2E223M115AA
1.30±0.20
±10%
C3216X7R2J223K130AA
±20%
C3216X7R2J223M130AA
33nF
2012
1.25±0.20
±10%
C2012X7R2A333K125AA
±20%
C2012X7R2A333M125AA
3216
1.15±0.15
±10%
C3216X7R2A333K115AA
±20%
C3216X7R2A333M115AA
1.60±0.20
±10%
C3216X7R2J333K160AA
C3216X7R2E333K160AA
±20%
C3216X7R2J333M160AA
C3216X7R2E333M160AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com