Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5750 Datasheet(PDF) 13 Page - TDK Electronics

Part # C5750
Description  MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, mid voltage (100 to 630V)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C5750 Datasheet(HTML) 13 Page - TDK Electronics

Back Button C5750 Datasheet HTML 9Page - TDK Electronics C5750 Datasheet HTML 10Page - TDK Electronics C5750 Datasheet HTML 11Page - TDK Electronics C5750 Datasheet HTML 12Page - TDK Electronics C5750 Datasheet HTML 13Page - TDK Electronics C5750 Datasheet HTML 14Page - TDK Electronics C5750 Datasheet HTML 15Page - TDK Electronics C5750 Datasheet HTML 16Page - TDK Electronics C5750 Datasheet HTML 17Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
20250326 / mlcc_commercial_midvoltage_en
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
(13/25)
MULTILAYER CERAMIC CHIP CAPACITORS
■Gray items: These products are not recommended for new designs.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: C0G (–55 to +125°C,0±30ppm/°C)
Capacitance
Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 630V
Rated voltage Edc: 450V
Rated voltage Edc: 250V
Rated voltage Edc: 100V
1pF
1608
0.80±0.10
±0.25pF
C1608C0G2A010C080AA
2pF
1608
0.80±0.10
±0.25pF
C1608C0G2A020C080AA
3pF
1608
0.80±0.10
±0.25pF
C1608C0G2A030C080AA
4pF
1608
0.80±0.10
±0.25pF
C1608C0G2A040C080AA
5pF
1608
0.80±0.10
±0.25pF
C1608C0G2A050C080AA
6pF
1608
0.80±0.10
±0.50pF
C1608C0G2A060D080AA
7pF
1608
0.80±0.10
±0.50pF
C1608C0G2A070D080AA
8pF
1608
0.80±0.10
±0.50pF
C1608C0G2A080D080AA
9pF
1608
0.80±0.10
±0.50pF
C1608C0G2A090D080AA
10pF
1608
0.80±0.10
±0.50pF
C1608C0G2A100D080AA
15pF
1608
0.80±0.10
±5%
C1608C0G2A150J080AA
22pF
1608
0.80±0.10
±5%
C1608C0G2A220J080AA
33pF
1608
0.80±0.10
±5%
C1608C0G2A330J080AA
47pF
1608
0.80±0.10
±5%
C1608C0G2A470J080AA
68pF
1608
0.80±0.10
±5%
C1608C0G2A680J080AA
100pF
1005
0.50±0.05
±10%
C1005C0G2A101K050BA
±5%
C1005C0G2A101J050BA
1608
0.80±0.10
±10%
C1608C0G2E101K080AA
C1608C0G2A101K080AA
±5%
C1608C0G2E101J080AA
C1608C0G2A101J080AA
±2%
C1608C0G2A101G080AA
±1%
C1608C0G2A101F080AA
2012
0.60±0.15
±10%
C2012C0G2W101K060AA
±5%
C2012C0G2W101J060AA
3216
0.60±0.15
±10%
C3216C0G2J101K060AA
±5%
C3216C0G2J101J060AA
150pF
1005
0.50±0.05
±10%
C1005C0G2A151K050BA
±5%
C1005C0G2A151J050BA
1608
0.80±0.10
±10%
C1608C0G2E151K080AA
C1608C0G2A151K080AA
±5%
C1608C0G2E151J080AA
C1608C0G2A151J080AA
2012
0.60±0.15
±10%
C2012C0G2W151K060AA
±5%
C2012C0G2W151J060AA
3216
0.60±0.15
±10%
C3216C0G2J151K060AA
±5%
C3216C0G2J151J060AA
220pF
1005
0.50±0.05
±10%
C1005C0G2A221K050BA
±5%
C1005C0G2A221J050BA
1608
0.80±0.10
±10%
C1608C0G2E221K080AA
C1608C0G2A221K080AA
±5%
C1608C0G2E221J080AA
C1608C0G2A221J080AA
2012
0.60±0.15
±10%
C2012C0G2W221K060AA
±5%
C2012C0G2W221J060AA
3216
0.60±0.15
±10%
C3216C0G2J221K060AA
±5%
C3216C0G2J221J060AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com