Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6450 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6450
Description  28 CHANNEL INK JET DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6450 Datasheet(HTML) 1 Page - STMicroelectronics

  L6450 Datasheet HTML 1Page - STMicroelectronics L6450 Datasheet HTML 2Page - STMicroelectronics L6450 Datasheet HTML 3Page - STMicroelectronics L6450 Datasheet HTML 4Page - STMicroelectronics L6450 Datasheet HTML 5Page - STMicroelectronics L6450 Datasheet HTML 6Page - STMicroelectronics L6450 Datasheet HTML 7Page - STMicroelectronics L6450 Datasheet HTML 8Page - STMicroelectronics L6450 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
L6450
28 CHANNEL INK JET DRIVER
ADVANCE DATA
40V DMOS OUTPUT BREAKDOWN
TWO DECODER OPTIONS ARE INCLUDED
PRECISE OUTPUT ENERGY
ESD OUTPUT PROTECTION WITH CLAMP-
ING DIODES
VERY LOW QUIESCENT CURRENT
PLCC44 OR PQFP44 (10 x 10mm)
DESCRIPTION
The L6450 is realized in Multipower BCD Tech-
nology which combines isolated DMOS power
transistors with CMOS and Bipolar circuits on the
same IC. By using mixed technology it has been
possible to optimize the logic circuitry and the
power stage to achieve the best possible perform-
ances.
Intended to be used in ink jet Printer Applications
as 4 to 28 (2 x 14) or 3 to 28 (4 x 7) lines select-
able decoder/driver, the L6450 device driver has
the advantages of low power CMOS inputs and
logic, with 28 high current and high voltage
DMOS outputs capable of sustaining a maximum
of 40V.
On system power up the output drivers are locked
out using the chip enable function; four enable in-
puts are available for the different driver banks.
An internal power-on system is implemented in
order to avoid wrong output commutation during
the supply voltage transients.
Using a mask option during manufacturing allows
a different decoding.
Control of the energy delivered to the print head
is made by means of a special circuitry.
All driver outputs are capable of withdstanding a
contact discharge of
±8KV with the IC biased.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
March 1994
BLOCK DIAGRAM (case of 4 bit)
PQFP44
PLCC44
MULTIPOWER BCD TECHNOLOGY
1/9


Similar Part No. - L6450

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6451 STMICROELECTRONICS-L6451 Datasheet
83Kb / 9P
28 CHANNEL INK JET DRIVER
May-1995
L6452 STMICROELECTRONICS-L6452 Datasheet
115Kb / 16P
DUAL 13X16 MATRIX HEAD INK JET DRIVER
Mar-1999
L6452 STMICROELECTRONICS-L6452 Datasheet
259Kb / 22P
Dual 13x16 Matrix Head Ink Jet Driver
06-Feb-2006
L6452DIE8 STMICROELECTRONICS-L6452DIE8 Datasheet
259Kb / 22P
Dual 13x16 Matrix Head Ink Jet Driver
06-Feb-2006
L6452 STMICROELECTRONICS-L6452_06 Datasheet
259Kb / 22P
Dual 13x16 Matrix Head Ink Jet Driver
06-Feb-2006
More results

Similar Description - L6450

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6451 STMICROELECTRONICS-L6451 Datasheet
83Kb / 9P
28 CHANNEL INK JET DRIVER
May-1995
L6452 STMICROELECTRONICS-L6452 Datasheet
115Kb / 16P
DUAL 13X16 MATRIX HEAD INK JET DRIVER
Mar-1999
L6452 STMICROELECTRONICS-L6452_06 Datasheet
259Kb / 22P
Dual 13x16 Matrix Head Ink Jet Driver
06-Feb-2006
logo
Rohm
BD64550EFV ROHM-BD64550EFV_1 Datasheet
403Kb / 17P
System Driver for Ink Jet Printers
logo
PANDUIT CORP.
C195X040Y1J PANDUIT-C195X040Y1J Datasheet
67Kb / 1P
OPTIMUM LASER/INK JET
C200X100FJJ PANDUIT-C200X100FJJ Datasheet
43Kb / 1P
OPTIMUM LASER INK-JET LABELS 2.000 X 1.000
C261X030FJJ PANDUIT-C261X030FJJ Datasheet
43Kb / 1P
OPTUMUM LASER INK-JET LABELS
C282X030Y1J PANDUIT-C282X030Y1J Datasheet
65Kb / 1P
OPTIMUM LASER / INK JET WHITE NON-ADHESIVE LABEL
C288X040Y1J PANDUIT-C288X040Y1J Datasheet
65Kb / 1P
OPTIMUM LASER/INK JET WHITE NON-ADHESIVE LABEL.
S050X075YAJ PANDUIT-S050X075YAJ Datasheet
268Kb / 2P
Laser/Ink Jet Self-Laminating Labels
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com