Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6450 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6450
Description  28 CHANNEL INK JET DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6450 Datasheet(HTML) 3 Page - STMicroelectronics

  L6450 Datasheet HTML 1Page - STMicroelectronics L6450 Datasheet HTML 2Page - STMicroelectronics L6450 Datasheet HTML 3Page - STMicroelectronics L6450 Datasheet HTML 4Page - STMicroelectronics L6450 Datasheet HTML 5Page - STMicroelectronics L6450 Datasheet HTML 6Page - STMicroelectronics L6450 Datasheet HTML 7Page - STMicroelectronics L6450 Datasheet HTML 8Page - STMicroelectronics L6450 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PLCC44 PIN CONNECTION (Top view)
PIN FUNCTIONS
Name
Function
VDD
5V Logic Supply.
GND
Logic and Power Ground.
OUT0 to OUT27
DMOS Outputs.
CLAMP
This pins have to be connected to the power supply voltage of the head resistors, each of the
output DMOS have their drain connected with the anode of a protection diode, all the catodes
of the protection diodes are collected to the pins clamp. If the CLAMP pins are not connected
to the power, the device is not supplied.
INA, INB, INC, IND
Decoder inputs.
The input IND shares the pin with the other input COM3, the two different functions are
selected by the pin Bench.
COM1, COM2,
COM3, COM4
A low logic input on this pins enable the outputs selected by the decoder inputs according to
the logic level of the pin bench.
The input COM3 shares the pin with the other input IND, the two different functions are
selected by the pin Bench.
CHIP ENABLE
A logic high enable the chip.
THERMAL DATA
Symbol
Parameter
PQFP44
PLCC44
Unit
Rth j-amb
Thermal Resistance Junction-Ambient
Max.
55 (*)
65 (*)
°C/W
(*) device mounted on PCB.
L6450
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com