Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6452 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6452
Description  DUAL 13X16 MATRIX HEAD INK JET DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6452 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6452 Datasheet HTML 3Page - STMicroelectronics L6452 Datasheet HTML 4Page - STMicroelectronics L6452 Datasheet HTML 5Page - STMicroelectronics L6452 Datasheet HTML 6Page - STMicroelectronics L6452 Datasheet HTML 7Page - STMicroelectronics L6452 Datasheet HTML 8Page - STMicroelectronics L6452 Datasheet HTML 9Page - STMicroelectronics L6452 Datasheet HTML 10Page - STMicroelectronics L6452 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
A/D CONVERTER TIMINGS
Tcscks
Conv. start set up time
200
ns
Tcsckh
Conv. Start hold time
200
ns
Tckou t
Falling edge of clock to data
out valid delay
Cload
≤ 20pF
200
ns
Tcsz
ConvStart falling edge to output
in Hi-Z delay
200
ns
Fadck
Clock frequency
250
KHz
Tcslow
Conv. Start low level time
5.6
µs
Tacq th
Theoretical acquisition time
fadck = 250 kHz
32.4
µs
Tacq pr
Real acquisition time
fadck = 250 kHz
36
µs
DIGITAL INTERFACE INPUT
Vinp
Schmitt Trigger positive-going
Threshold
2/3Vdd
V
Vinm
Schmitt Trigger negative-going
Threshold
1/3Vdd
V
Vhys
Scmitt Trigger Hysteresis
0.1
0.3
1
V
Iin
Input Current (Vin=0; Vdd=5)*
50
150
300
µA
* This applies to input pins having an internal pull-up (ENABLE_CHANNEL, LONG_PULSE, SHORT_PULSE)
CR LATCH TIMINGS
Tls
Latch set up time
100
ns
Tlhigh
Latch high time
100
ns
Tlconv
Latch data valid to A/D input
valid delay
Selected channel:
CH1..CH5
CH0
4
7
µs
µs
NB: The control register (driving signals CRdata, CRclock) is accessed with the same timing specifications as the
data 16 bit shift register (signals Serial data, Serial clock)
SHIFT REGISTER AND LATCH TIMING
Ta
Set up time
50
ns
Tb
Hold time
50
ns
Tc
Serial clock low time
50
ns
Td
Serial clock high time
50
ns
Te
Serial clock period
150
ns
Tf
Latch set up time
100
ns
Tg
Latch data high time
100
ns
Tset
Long Pulse set_up time with
respect to NCEn
160
ns
Thold
Long Pulse hold time with
respect to NCEn
0ns
OUTPUTS ELECTRICAL CHARACTERISTICS
Iout
Output Current (outputs 0..15)
DC=33%;
preheating DC=66%
400
mA
Rds (ON)
On Resistance
Tj =25
°C
1.3
Ω
Ton
Turn on Time (Tdelay + Trise)
From 50% Long Pulse to 90%
power output rising edge
Load = 30 Ohm in parallel with
1.5nF
160
ns
Toff
Toff delay time
From 50% Long Pulse to 90%
power output falling edge
Load = 30 Ohm in parallel with
1.5nF
100
ns
DC ELECTRICAL CHARACTERISTICS (Tj =25
°C)
L6452
7/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com