Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6452 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6452
Description  DUAL 13X16 MATRIX HEAD INK JET DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6452 Datasheet(HTML) 1 Page - STMicroelectronics

  L6452 Datasheet HTML 1Page - STMicroelectronics L6452 Datasheet HTML 2Page - STMicroelectronics L6452 Datasheet HTML 3Page - STMicroelectronics L6452 Datasheet HTML 4Page - STMicroelectronics L6452 Datasheet HTML 5Page - STMicroelectronics L6452 Datasheet HTML 6Page - STMicroelectronics L6452 Datasheet HTML 7Page - STMicroelectronics L6452 Datasheet HTML 8Page - STMicroelectronics L6452 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DRIVES TWO 13X16 MATRIX HEADS
HEAD TEMPERATURE SENSING
POWER UP SYSTEM
ELECTRICAL NOZZLE CHECK
8 BIT A/D
5 BIT D/A
± 4KV ESD PROTECTED OUTPUTS
DESCRIPTION
L6452 is a device designed to drive two 13x16
matrix ink jet printheads in printer applications.
The output stage is able to source simultaneously
400 mA on each of the 16 power lines (columns)
with a duty cycle of 33% in normal printing and
66% in head pre-heating. On the address lines
(rows), the load is only capacitive (MOS FET driv-
ing capability). The driver can control two print-
heads, but only one is active at a time. The ad-
dress scanning counter is included and can be
disabled to allow a different scanning scheme.
In order to avoid output activation during the sup-
ply transient, an internal power-up system is im-
plemented.
As supporting function, L6452 is capable of sens-
ing the head silicon temperature and to electri-
cally check each nozzle.
The device is also integrating a thermal protec-
tion.
March 1999
®
PRINT HEAD
DRIVER
PRINT HEAD
TEMPERATURE
CONTROL
POWER &
LOGICAL
SUPPLIES
CONTROL
LINES
A/D & PRINT HEAD
TEMPERATURE
CONTROL LINES
ANALOG
INPUTS
PRINT HEAD
A
PRINT HEAD
B
D97IN523
13 ADDRESS LINES
CHANNEL B
16 POWER LINES
13 ADDRESS LINES
CHANNEL A
Figure 1. Block Diagram
PQFP100
L6452
DUAL 13X16 MATRIX HEAD INK JET DRIVER
1/16


Similar Part No. - L6452

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6452 STMICROELECTRONICS-L6452 Datasheet
259Kb / 22P
Dual 13x16 Matrix Head Ink Jet Driver
06-Feb-2006
L6452DIE8 STMICROELECTRONICS-L6452DIE8 Datasheet
259Kb / 22P
Dual 13x16 Matrix Head Ink Jet Driver
06-Feb-2006
L6452 STMICROELECTRONICS-L6452_06 Datasheet
259Kb / 22P
Dual 13x16 Matrix Head Ink Jet Driver
06-Feb-2006
More results

Similar Description - L6452

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6450 STMICROELECTRONICS-L6450 Datasheet
193Kb / 9P
28 CHANNEL INK JET DRIVER
Mar-1994
L6451 STMICROELECTRONICS-L6451 Datasheet
83Kb / 9P
28 CHANNEL INK JET DRIVER
May-1995
L6452 STMICROELECTRONICS-L6452_06 Datasheet
259Kb / 22P
Dual 13x16 Matrix Head Ink Jet Driver
06-Feb-2006
logo
Rohm
BD64550EFV ROHM-BD64550EFV_1 Datasheet
403Kb / 17P
System Driver for Ink Jet Printers
logo
PANDUIT CORP.
C195X040Y1J PANDUIT-C195X040Y1J Datasheet
67Kb / 1P
OPTIMUM LASER/INK JET
C200X100FJJ PANDUIT-C200X100FJJ Datasheet
43Kb / 1P
OPTIMUM LASER INK-JET LABELS 2.000 X 1.000
C261X030FJJ PANDUIT-C261X030FJJ Datasheet
43Kb / 1P
OPTUMUM LASER INK-JET LABELS
C282X030Y1J PANDUIT-C282X030Y1J Datasheet
65Kb / 1P
OPTIMUM LASER / INK JET WHITE NON-ADHESIVE LABEL
C288X040Y1J PANDUIT-C288X040Y1J Datasheet
65Kb / 1P
OPTIMUM LASER/INK JET WHITE NON-ADHESIVE LABEL.
S050X075YAJ PANDUIT-S050X075YAJ Datasheet
268Kb / 2P
Laser/Ink Jet Self-Laminating Labels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com