Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WILCS02IC Datasheet(PDF) 41 Page - Microchip Technology

Part # WILCS02IC
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02IC Datasheet(HTML) 41 Page - Microchip Technology

Back Button WILCS02IC Datasheet HTML 37Page - Microchip Technology WILCS02IC Datasheet HTML 38Page - Microchip Technology WILCS02IC Datasheet HTML 39Page - Microchip Technology WILCS02IC Datasheet HTML 40Page - Microchip Technology WILCS02IC Datasheet HTML 41Page - Microchip Technology WILCS02IC Datasheet HTML 42Page - Microchip Technology WILCS02IC Datasheet HTML 43Page - Microchip Technology WILCS02IC Datasheet HTML 44Page - Microchip Technology WILCS02IC Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
WILCS02IC and WILCS02 Family
Electrical Specifications
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 41
3.2
WILCS02 Module Electrical Specifications
This chapter provides the electrical specifications and the characteristics of the WILCS02 Module
across the operating temperature range of the product.
3.2.1
WILCS02 Module Absolute Maximum Ratings
The following table provides details about the list of absolute maximum ratings for the WILCS02
Module. Exposure to these maximum rating conditions for extended periods can affect the device’s
reliability. Functional operation of the device at these or any other conditions above the parameters
indicated in the operation listings of this specification is not implied.
Table 3-14. Absolute Maximum Ratings
Parameter
Value
Ambient temperature under bias(1)
-40°C to +85°C
Storage temperature
-65°C to +150°C
Voltage on VDD with respect to GND
-0.3V to +4.0V
Voltage on any pin(s) with respect to GND
-0.3V to (VDD+0.3V)
Voltage on (Pin 13-19 and 27) with respect to GND
-0.3V to (VDDIO+0.3V)
Maximum current out of GND pins(2)
500 mA
Maximum current into VDD pins(2)
500 mA
ESD Qualification
Human Body Model (HBM) per JESD22-A114
±2000V
Charged Device Model (CDM) (ANSI/ESD STM 5.3.1)
±500V
Notes: 
1. The preceding table provides the list of stresses that can cause permanent damage to the device. This is a stress rating
only and functional operation of the device at those or any other conditions above those indicated in the operation
listings of this specification is not implied.
2. Maximum allowable current is a function of the device's maximum power dissipation.
3.2.2
Thermal Specifications
Table 3-15. Thermal Operating Conditions
Rating
Symbol
Min.
Typ
Max.
Unit
Industrial Temperature Devices:
Operating ambient temperature range
TA
-40
—
+85
°C
Operating junction temperature range
TJ
-40
—
+125
°C
Table 3-16. Recommended Operating Voltages
Param.
No.
Symbol
Characteristics
Min.
Typ.
Max.
Unit
Conditions
DC_1
VDD
VDD voltage range
3
3.3
3.6
V
—
DC_4
VDDIO
VDDIO voltage range
3
3.3
3.6
V
—
DC_7
GNDDB
Common EDP ground reference
VSS
VSS
VSS
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com