Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9502 Datasheet(PDF) 4 Page - Analog Devices

Part # MAX9502
Description  2.5V Video Amplifier with Reconstruction Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9502 Datasheet(HTML) 4 Page - Analog Devices

  MAX9502 Datasheet HTML 1Page - Analog Devices MAX9502 Datasheet HTML 2Page - Analog Devices MAX9502 Datasheet HTML 3Page - Analog Devices MAX9502 Datasheet HTML 4Page - Analog Devices MAX9502 Datasheet HTML 5Page - Analog Devices MAX9502 Datasheet HTML 6Page - Analog Devices MAX9502 Datasheet HTML 7Page - Analog Devices MAX9502 Datasheet HTML 8Page - Analog Devices MAX9502 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
VCC = SHDN = 3.0V, GND = 0V, RL = 150Ω to GND.)
MAX9502M
SMALL-SIGNAL BANDWIDTH
FREQUENCY (MHz)
10
1
-50
-40
-30
-20
-10
0
10
20
-60
0.1
100
VOUT = 100mVP-P
MAX9502G
SMALL-SIGNAL GAIN FLATNESS
FREQUENCY (MHz)
1
4
5
6
7
8
9
3
0.1
10
VOUT = 100mVP-P
MAX9502M
SMALL-SIGNAL GAIN FLATNESS
FREQUENCY (MHz)
1
10
11
12
13
14
15
9
0.1
10
VOUT = 100mVP-P
MAX9502G
LARGE-SIGNAL BANDWIDTH
FREQUENCY (MHz)
10
1
0.1
100
VOUT = 2VP-P
-50
-40
-30
-20
-10
0
10
20
-60
MAX9502M
LARGE-SIGNAL BANDWIDTH
FREQUENCY (MHz)
10
1
-50
-40
-30
-20
-10
0
10
20
-60
0.1
100
VOUT = 2VP-P
MAX9502G
LARGE-SIGNAL GAIN FLATNESS
FREQUENCY (MHz)
1
4
5
6
7
8
9
3
0.1
10
VOUT = 2VP-P
MAX9502G
SMALL-SIGNAL BANDWIDTH
FREQUENCY (MHz)
10
1
-50
-40
-30
-20
-10
0
10
20
-60
0.1
100
VOUT = 100mVP-P
MAX9502M
LARGE-SIGNAL GAIN FLATNESS
FREQUENCY (MHz)
1
10
11
12
13
14
15
9
0.1
10
VOUT = 2VP-P
MAX9502G
GROUP DELAY
FREQUENCY (MHz)
1
60
80
100
120
140
160
180
200
40
0.1
10
Maxim Integrated │ 4
www.maximintegrated.com
MAX9502
2.5V Video Amplifier with Reconstruction Filter
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com