Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9502 Datasheet(PDF) 3 Page - Analog Devices

Part # MAX9502
Description  2.5V Video Amplifier with Reconstruction Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9502 Datasheet(HTML) 3 Page - Analog Devices

  MAX9502 Datasheet HTML 1Page - Analog Devices MAX9502 Datasheet HTML 2Page - Analog Devices MAX9502 Datasheet HTML 3Page - Analog Devices MAX9502 Datasheet HTML 4Page - Analog Devices MAX9502 Datasheet HTML 5Page - Analog Devices MAX9502 Datasheet HTML 6Page - Analog Devices MAX9502 Datasheet HTML 7Page - Analog Devices MAX9502 Datasheet HTML 8Page - Analog Devices MAX9502 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
(VCC = SHDN = 3.0V, GND = 0V, RL = 150Ω to GND, TA = +25°C, unless otherwise noted.) (Note 1)
Note 1: All devices are 100% production tested at TA = +25°C. Specifications over temperature limits are guaranteed by design.
Note 2: DC voltage gain (AV) is a two-point measurement in which the output voltage swing is divided by the input voltage swing.
Note 3: Short-circuit current is the trip current for the protection. During the protection, OUT is switched alternatively on and off.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Passband Flatness
VOUT = 2VP-P, f = 100kHz to 5.5MHz,
flatness is referred to 100kHz
-1
+1
dB
Attenuation
fdt
VOUT = 2VP-P, attenuation is
referred to 100kHz
f = 8MHz
3
dB
f = 27MHz
35
55
Power-Supply Rejection Ratio
PSRR
f = 100kHz
56
dB
Output Impedance
ZOUT
VOUT = 1.5V DC; f = 5MHz
2.5
Ω
Differential Gain Error
DG
NTSC, VOUT = 2VP-P
MAX9502G
0.4
%
MAX9502M
0.4
Differential Phase Error
DP
NTSC, VOUT = 2VP-P
MAX9502G
0.4
degrees
MAX9502M
0.4
2T Pulse-to-Bar K Rating
2T = 250ns; bar time is 18µs; the beginning
2.5% and the ending 2.5% of the bar time
are ignored
0.2
K%
2T Pulse Response
2T = 250ns
0.3
K%
2T Bar Response
2T = 250ns; bar time is 18µs; the beginning
2.5% and the ending 2.5% of the bar time
are ignored
0.4
K%
Nonlinearity
5-step staircase
0.4
%
Line Time Distortion
0
%
Field Time Distortion
0
%
Group-Delay Variation
∆(dj/dw) f = 100kHz to 5.5MHz
MAX9502G
30
ns
MAX9502M
30
Peak Signal to RMS Noise
SNR
VOUT = 2VP-P, 100kHz to
5MHz
MAX9502G
68
dB
MAX9502M
65
Enable Time
tON
VSHDN = 3V, VOUT settled to
within 1% of the final voltage
MAX9502G
(VIN = 1V)
800
ns
MAX9502M
(VIN = 0.5V)
800
Disable Time
tOFF
VSHDN = 0V, VOUT settled
to below 1% of the output
voltage
MAX9502G
(VIN = 1V)
220
ns
MAX9502M
(VIN = 0.5V)
175
MAX9502
2.5V Video Amplifier with Reconstruction Filter
www.maximintegrated.com
Maxim Integrated │ 3
AC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com