Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9537DP Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCA9537DP
Description  4-bit I²C-bus and SMBus low power I/O port with interrupt and 4-bit I2C-bus and SMBus low power I/O port with interrupt and
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9537DP Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCA9537DP Datasheet HTML 16Page - NXP Semiconductors PCA9537DP Datasheet HTML 17Page - NXP Semiconductors PCA9537DP Datasheet HTML 18Page - NXP Semiconductors PCA9537DP Datasheet HTML 19Page - NXP Semiconductors PCA9537DP Datasheet HTML 20Page - NXP Semiconductors PCA9537DP Datasheet HTML 21Page - NXP Semiconductors PCA9537DP Datasheet HTML 22Page - NXP Semiconductors PCA9537DP Datasheet HTML 23Page - NXP Semiconductors PCA9537DP Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
NXP Semiconductors
PCA9537
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
16 Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCA9537 v.7
20210908
Product data sheet
202104008A
PCA9537 v.6
Modifications
• Updated ordering information to reflect discontinuation of ATP-1 device and move to ASEN. See
change notice column.
• The terms "master" and "slave" changed to "controller" and "target" to comply with NXP inclusive
language policy.
PCA9537 v.6
20171107
Product data sheet
201710002I
PCA9537_5
Modifications:
• Table 10: Corrected VPOR typ and max limit
• Added Section 3.1
PCA9537_5
20090507
Product data sheet
-
PCA9537_4
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity guidelines of
NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Pin names changed from "I/O0, I/O1, I/O2, I/O3" to "IO0, IO1, IO2, IO3", respectively
• Section 6.4, 1st sentence: changed symbol from "tW" to "tw(rst)"
• Figure 5: changed symbol from "tpv" to "tv(Q)"
• Figure 8:
– changed symbol from "tph" to "th(D)"
– changed symbol from "tps" to "tsu(D)"
– changed symbol from "tiv" to "tv(INT)"
– changed symbol from "tir" to "trst(INT)"
• Table 9:
– parameter description for symbol VI/O changed from "DC voltage on an I/O" to "voltage on an
input/output pin"
– parameter description for symbol ISS changed from "supply current" to "ground supply current"
– symbol/parameter changed from "II/O, DC output current on an I/O" to "IO(IOn), output current on
pin IOn"
• Table 10, sub-section "Supplies":
– symbol/parameter changed from "Istbl, Standby current" to "IstbL, LOW-level standby current"
– symbol/parameter changed from "Istbh, Standby current" to "IstbH, HIGH-level standby current"
• Table 11, sub-section "Port timing":
– symbol/parameter changed from "tPV, Output data valid" to "tv(Q), data output valid time"
– symbol/parameter changed from "tPS, Input data setup time" to "tsu(D), data input set-up time"
– symbol/parameter changed from "tPH, Input data hold time" to "th(D), data input hold time"
• Table 11, sub-section "Interrupt timing":
– symbol/parameter changed from "tIV, Interrupt valid" to "tv(INT), valid time on pin INT"
– symbol/parameter changed from "tIR, Interrupt reset" to "trst(INT), reset time on pin INT"
Table 16. Revision history
PCA9537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 7 — 8 September 2021
COMPANY PUBLIC
20 / 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com