Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9982 Datasheet(PDF) 3 Page - Microchip Technology

Part # HV9982
Description  Three-Channel, Closed-Loop, Switch Mode LED Drive IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9982 Datasheet(HTML) 3 Page - Microchip Technology

  HV9982 Datasheet HTML 1Page - Microchip Technology HV9982 Datasheet HTML 2Page - Microchip Technology HV9982 Datasheet HTML 3Page - Microchip Technology HV9982 Datasheet HTML 4Page - Microchip Technology HV9982 Datasheet HTML 5Page - Microchip Technology HV9982 Datasheet HTML 6Page - Microchip Technology HV9982 Datasheet HTML 7Page - Microchip Technology HV9982 Datasheet HTML 8Page - Microchip Technology HV9982 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
HV9982
DS20005295C-page 3
2014-2026 Microchip Technology Inc. and its subsidiaries
1.0
ELECTRICAL
CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS †
VIN to GND........................................................-0.5V to +45V
VDD to GND, VDD 1-3 to GND..........................--0.3V to +10V
All other pins to GND .............................-0.3V to (VDD + 0.3V)
Operating temperature..................................-40°C to +125°C
Storage temperature .....................................-65°C to +150°C
Continuous power dissipation (TA = +25°C) ............5000 mW
† Notice: Stresses above those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at those or any other conditions, above those indi-
cated in the operational listings of this specification, is not
implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
1.1
ELECTRICAL SPECIFICATIONS
TABLE 1-1:
ELECTRICAL CHARACTERISTICS (SHEET 1 OF 3)1
Symbol
Parameter
Note
Min
Typ
Max Units Conditions
Input
VINDC
Input DC supply voltage
1
10
-
40
V
DC input voltage
IINSD
Shut-down mode supply
current
1
-
-
500
μA
EN ≤ 0.8V
IIN
Supply current
-
-
-
4.5
mA
EN ≥ 2.0V; PWMD1 = PWMD2
= PWMD3 = GND
REN
Pull-down resistor
-
75
130
160
kΩ
VEN = 5.0V
Internal Regulator
VDD
Internally regulated voltage
1
7.25
7.75
8.25
V
VIN= 12-40V; EN = HIGH;
PWMD1-3 = VDD; GATE1-3 =
1nF; CLK = 6MHz
UVLO
VDD under voltage lockout
threshold
-
6.0
-
6.5
V
VDD falling
UVLOHYST VDD under voltage hystere-
sis
-
-
500
-
mV
VDD rising
PWM Dimming (PWMD1, PWMD2 and PWMD3)
VPWMD(lo) PWMD input low voltage
1
-
-
0.8
V
---
VPWMD(hi) PWMD input high voltage
1
2.0
-
-
V
---
RPWMD
PWMD pull down resistor
-
75
130
160
kΩ
VPWMD = 5.0V
Gate (GATE1, GATE2 and GATE3)
ISOURCE Gate short circuit current,
sourcing
2
0.2
-
-
A
VGATE = 0V
ISINK
Gate sinking current
2
0.4
-
-
A
VGATE = VDD
TRISE
Gate output rise time
-
-
-
85
ns
CGATE = 1.0nF
TFALL
Gate output fall time
-
-
-
45
ns
CGATE = 1.0nF
DMAX
Maximum duty cycle
2
-
91.7
-
%
---
Note 1: Applies over the full operating ambient temperature range of 0°C < TA < +85°C.
2: For design guidance only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com