Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9982 Datasheet(PDF) 8 Page - Microchip Technology

Part # HV9982
Description  Three-Channel, Closed-Loop, Switch Mode LED Drive IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9982 Datasheet(HTML) 8 Page - Microchip Technology

Back Button HV9982 Datasheet HTML 4Page - Microchip Technology HV9982 Datasheet HTML 5Page - Microchip Technology HV9982 Datasheet HTML 6Page - Microchip Technology HV9982 Datasheet HTML 7Page - Microchip Technology HV9982 Datasheet HTML 8Page - Microchip Technology HV9982 Datasheet HTML 9Page - Microchip Technology HV9982 Datasheet HTML 10Page - Microchip Technology HV9982 Datasheet HTML 11Page - Microchip Technology HV9982 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2014-2026 Microchip Technology Inc. and its subsidiaries
DS20005295C-page 8
HV9982
3.0
FUNCTIONAL DESCRIPTION
3.1
Power Topology
HV9982 is a three-channel, switch-mode converter
LED driver designed to control a continuous conduction
mode buck, boost or SEPIC converter in a constant fre-
quency mode. The IC includes an internal linear regu-
lator, which operates from input voltages 10V to 40V.
The IC can also be powered directly using the VDD
pins and bypassing the internal linear regulator. The IC
includes features typically required in LED drivers such
as open LED protection, output short circuit protection,
linear and PWM dimming, programmable input current
limiting, and accurate control of the LED current. A high
current gate drive output enables the controller to be
used in high power converters. The IC is ideally suited
for backlight application using either RGB or multi-
channel white LED configurations.
3.2
Power Supply to the IC (VIN, VDD,
VDD1-3)
HV9982 can be powered directly from its VIN pin which
withstands a voltage up to 40V. When a voltage is
applied at the VIN pin, the HV9982 tries to maintain a
constant 7.75V (typ) at the VDD pin. The regulator also
has a built in under-voltage lockout, which shuts off the
IC if the voltage at the VDD pin falls below the UVLO
threshold. By connecting this VDD pin to pins VDD1-3
of the other three channels, the internal regulator can
be used to power all three channels in the IC.
If the internal regulator is not utilized, an external power
supply (7.0-9.0V) can be used to power the IC. In this
case, the power supply is directly connected to the
VDD1-3 pins and the VIN pin is left unconnected.
All four VDD pins must by bypassed by a low ESR
capacitor (≥0.1 µF) to provide a low impedance path for
the high frequency current of the output gate driver.
These capacitors must be referenced to the individual
grounds for proper noise rejection (see
3.13 “Layout
Considerations”). Also, in all cases, the four VDD pins
must be connected together externally.
The input current drawn from the external power supply
(or VIN pin) is a sum of the 4.5 mA (max) current drawn
by all the internal circuitry and the current drawn by the
gate drivers (which in turn depends on the switching
frequency and the gate charge of the external FET).
In the above equation, fS is the switching frequency of
the converters and Qg1-3 are the gate charges of the
external FETs (which can be obtained from the FET
data sheets).
The EN pin is a TTL-compatible input used to disable
the IC. Pulling the EN pin to GND will shut down the IC
and reduce the quiescent current drawn by the IC to be
less than 500 μA. If the enable function is not required,
the EN pin can be connected to VDD.
3.3
Clock Input (CLK)
The switching frequency of the converters is set by
using a TTL-compatible square wave input at the CLK
pin. The switching frequencies of the three converters
will be 1/12TH the frequency of the external clock.
3.4
Current Sense (CS1-3)
The current sense input is used to sense the source
current of the switching FET. Each CS input of the
HV9982 includes a built-in, 100 ns (minimum) blanking
time to prevent spurious turn off due to the initial current
spike when the FET turns on.
The IC includes an internal, resistor-divider network,
which steps down the voltage at the COMP pins by a
factor of 13. This voltage is used as the reference for
the current sense comparators. Since the maximum
voltage of the COMP pin is (VDD – 1.0V), this voltage
determines the maximum reference current for the cur-
rent sense comparator, and thus the maximum inductor
current.
The current sense resistor, RCS, should be chosen so
that the input inductor current is kept below the satura-
tion current level of the input inductor. For discontinu-
ous conduction mode of operation, no slope
compensation is necessary. In this case, the current
sense resistor is chosen as:
where IIN,pk is the maximum desired peak input current.
For continuous conduction mode converters operating
in the constant frequency mode, slope compensation
becomes necessary to ensure stability of the peak cur-
rent mode controller, if the operating duty cycle is
greater than 0.5. This factor must also be accounted for
when determining RCS (see 3.5 “Slope Compensa-
tion”).
3.5
Slope Compensation
Choosing a slope compensation, which is one half of
the down slope of the inductor current, ensures that the
converter will be stable for all duty cycles.
Slope compensation in the HV9982 can be pro-
grammed by two external components, see Figure 3-1.
A resistor for VDD sets a current, which is almost con-
stant since the VDD voltage is much larger than the volt-
age at the CS pin. This current flows into the capacitor
and produces a ramp voltage across the capacitor. The
voltage at the CS pin is then the sum of the voltage
IIN 4.5mA Q
g1
Qg2 Qg3
+
+
+
fs
=
RCS
VDD 1.0V
–
13 IIN pk
-----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com