Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE555 Datasheet(PDF) 6 Page - STMicroelectronics

Part # NE555
Description  GENERAL PURPOSE SINGLE BIPOLAR TIMERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NE555 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button NE555_95 Datasheet HTML 2Page - STMicroelectronics NE555_95 Datasheet HTML 3Page - STMicroelectronics NE555_95 Datasheet HTML 4Page - STMicroelectronics NE555_95 Datasheet HTML 5Page - STMicroelectronics NE555_95 Datasheet HTML 6Page - STMicroelectronics NE555_95 Datasheet HTML 7Page - STMicroelectronics NE555_95 Datasheet HTML 8Page - STMicroelectronics NE555_95 Datasheet HTML 9Page - STMicroelectronics NE555_95 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CAPACITOR VOLTAGE = 2.0V/div
t = 0.1 ms / div
INPUT = 2.0V/div
OUTPUT VOLTAGE = 5.0V/div
R1 = 9.1k
Ω, C1 = 0.01µF, R = 1kΩ
L
Figure 11
Reset
Trigger
Output
R1
C1
Control Voltage
0.01
µF
NE555
= 5 to 15V
V
CC
4
2
3
1
5
6
7
8
Figure 10
C
(
µF)
10
1.0
0.1
0.01
0.001
10
100
1.0
10
100
10
(t )
d
µs
µs
ms
ms
ms
s
10
M
Ω
1M
Ω
10
0k
Ω
10
kΩ
R
1=
1k
Ω
Figure 12
APPLICATION INFORMATION
MONOSTABLE OPERATION
In the monostable mode, the timer functions as a
one-shot. Referring to figure 10 the external capaci-
tor is initially held discharged by a transistor inside
the timer.
The circuit triggers on a negative-going input signal
when the level reaches 1/3 Vcc. Once triggered, the
circuit remains in this state until the set time has
elapsed, even if it is triggered again during this in-
terval.The duration of the output HIGH stateis given
by t = 1.1 R1C1 and is easily determined by
figure 12.
Notice that since the charge rate and the threshold
level of the comparator are both directly proportional
to supply voltage, the timing interval is independent
of supply. Applying a negativepulse simultaneously
to the reset terminal (pin 4) and the trigger terminal
(pin 2) during the timing cycle discharges the exter-
nal capacitor and causes the cycle to start over. The
timing cycle now starts on the positive edge of the
reset pulse. During the time the reset pulse in ap-
plied, the output is driven to its LOW state.
When a negativetrigger pulse is applied to pin 2, the
flip-flop is set, releasing the short circuit across the
external capacitor and driving the output HIGH. The
voltage across the capacitor increases exponen-
tially with the time constant
τ =R1C1. When the volt-
age across the capacitor equals 2/3 Vcc, the compa-
rator resets the flip-flop which then discharge the ca-
pacitor rapidly and drivers the output to its LOW
state.
Figure 11 shows the actual waveforms generatedin
this mode of operation.
When Reset is not used, it should be tied high to
avoid any possibly or false triggering.
ASTABLE OPERATION
When the circuit is connected as shown in figure 13
(pin 2 and 6 connected)it triggers itself and free runs
as a multivibrator. The external capacitor charges
through R1 and R2 and discharges through R2 only.
Thus the duty cycle may be precisely set by the ratio
of these two resistors.
In the astable mode of operation, C1 charges and
discharges between 1/3 Vcc and 2/3 Vcc. As in the
triggeredmode, the charge and discharge times and
therefore frequency are independent of the supply
voltage.
NE555/SA555/SE555
6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com