Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE555 Datasheet(PDF) 4 Page - STMicroelectronics

Part # NE555
Description  GENERAL PURPOSE SINGLE BIPOLAR TIMERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NE555 Datasheet(HTML) 4 Page - STMicroelectronics

  NE555_95 Datasheet HTML 1Page - STMicroelectronics NE555_95 Datasheet HTML 2Page - STMicroelectronics NE555_95 Datasheet HTML 3Page - STMicroelectronics NE555_95 Datasheet HTML 4Page - STMicroelectronics NE555_95 Datasheet HTML 5Page - STMicroelectronics NE555_95 Datasheet HTML 6Page - STMicroelectronics NE555_95 Datasheet HTML 7Page - STMicroelectronics NE555_95 Datasheet HTML 8Page - STMicroelectronics NE555_95 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
SE555
NE555 - SA555
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Idis(off)
Discharge Pin Leakage Current
(output high) (Vdis = 10V)
20
100
20
100
nA
Vdis(sat)
Discharge pin Saturation Voltage
(output low) - (note 5)
VCC = +15V, Idis = 15mA
VCC = +5V, Idis = 4.5mA
180
80
480
200
180
80
480
200
mV
tr
tf
Output Rise Time
Output Fall Time
100
100
200
200
100
100
300
300
ns
toff
Turn off Time - (note 6) (Vreset =VCC)
0.5
0.5
µs
Notes :
5. No protection against excessive Pin 7 current is necessary, providing the package dissipation rating will not be exceeded.
6. Time mesaured from a positive going input pulse from 0 to 0.8x VCC into the threshold to the drop from high to low of the
output trigger is tied to treshold.
Figure 1 : Minimum Pulse Width Required for
Trigering
Figure 2 : Supply Current versus Supply Voltage
Figure 3 : Delay Time versus Temperature
Figure 4 : Low Output Voltage versus Output
Sink Current
NE555/SA555/SE555
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com