Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM141 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # DM141
Description  8x2-Bit Constant Current LED Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM141 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button DM141 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
DM141
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
8x2-Bit Constant Current LED Drivers
-14-
Version
:
:
:
:A.012
Package Outline
SSOP28
θ
R
L
E1
E
D
e
C
b
A2
A1
A
SYMBOLS
MIN.
NOM.
MAX.
DIMENSION IN MM
-
-
2.0
0.05
-
-
1.62
1.75
1.85
0.22
-
0.38
0.09
-
0.25
0.65 BSC
9.9
10.20
10.50
7.4
7.8
8.2
5.00
5.30
5.60
0.55
0.75
0.95
0.09
-
-
0
4
8
NOTES:
1. JEDEC OUTLINE : MO-15D AH
2. DIMENSION D AND E1 DO NOT INCLUDE MOLD FLASH OR
PROTRUSIONS, BUT DOES INCLUDE MODE MISMATCH AND ARE
MEASURED AT DATUM PLANE, MOLD PARTING LINE. MOLD
FLASH OR PROTRUSION SHALL NOT EXCEED 0.2MM PER SIDE.
3.DIMENSION b DOES NOT INCLUDE DAMBAR PROTRUSION/
INTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE
0.13mm TOTAL IN EXCESS OF b DIMENSION AT MAXIMUM
MATERIAL CONDITION. DAMBAR INTRUSION SHALL NOT
REDUCE DIMENSION b BY MORE THAN 9.07mm AT LEAST
MATERIAL CONDITION.
DETAIL A
C
b
e
0.1MM
R
R
GAUGE PLANE
DETAIL A
L
θ
SEATING PLANE
c
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com