Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM141 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DM141
Description  8x2-Bit Constant Current LED Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM141 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DM141 Datasheet HTML 1Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM141 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DM141
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
8x2-Bit Constant Current LED Drivers
-1-
Version
A.012
DM141
8x2-Bit Constant Current LED Drivers
General Description
The DM141 is a constant current driver specifically designed for LED display
applications. The device includes a 16-bit shift register, a latch, and dual-interleaved banks of
constant current drivers on a single Silicon CMOS chip. Each of the dichotomous 8-bit banks
requires a current setting resistor. The output current ranges from 5mA to 60mA.
Features
Constant Current Output:
From 5mA to 60mA
Maximum Clock Frequency: 25MHz (Max)
Power Supply Voltage:
3.3V to 5.0V
CMOS Compatible Input/Output
Package:
QFN32, SDIP28, SSOP28
Constant Current Matching:
10mA to 60mA
: Bit-to-Bit :
± 4.0% (Max)
Chip-to-Chip :
± 10.0% (Max)
5mA to 10mA
: Bit-to-Bit :
± 6.0% (Max)
Chip-to-Chip :
± 12.0% (Max)
Maximum Output Voltage:
17V
Two-color LED driving capability on chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com