Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAT2010L10R0FST1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PAT2010L10R0FST1
Description  Precision Automotive Thin Film Chip Resistors, AEC-Q200 Qualified, 2 kV ESD Rating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PAT2010L10R0FST1 Datasheet(HTML) 2 Page - Vishay Siliconix

  PAT2010L10R0FST1 Datasheet HTML 1Page - Vishay Siliconix PAT2010L10R0FST1 Datasheet HTML 2Page - Vishay Siliconix PAT2010L10R0FST1 Datasheet HTML 3Page - Vishay Siliconix PAT2010L10R0FST1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAT
www.vishay.com
Vishay Dale Thin Film
Revision: 27-Nov-2019
2
Document Number: 60024
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches
CASE SIZE
L
W
T
D
E
0402
0.041 ± 0.003
0.022 ± 0.003
0.015 ± 0.003
0.010 ± 0.005
0.010 ± 0.005
0603
0.064 ± 0.006
0.032 ± 0.005
0.015 ± 0.003
0.012 ± 0.005
0.015 ± 0.005
0805
0.080 ± 0.006
0.050 ± 0.005
0.015 ± 0.003
0.015 ± 0.005
0.015 ± 0.005
1206
0.126 ± 0.008
0.063 ± 0.005
0.015 ± 0.003
0.020 + 0.005 / - 0.010 0.020 + 0.005 / - 0.010
1505
0.155 ± 0.007
0.050 ± 0.005
0.015 ± 0.003
0.015 ± 0.005
0.015 ± 0.005
2010
0.209 ± 0.009
0.098 ± 0.005
0.015 ± 0.003
0.020 ± 0.005
0.020 ± 0.005
2208
0.230 ± 0.007
0.075 ± 0.005
0.015 ± 0.003
0.020 ± 0.005
0.020 ± 0.005
2512
0.259 ± 0.009
0.124 ± 0.005
0.015 ± 0.003
0.020 ± 0.005
0.020 ± 0.005
ENVIRONMENTAL TESTS (Vishay Performance vs. AEC-Q200 Requirements)
ENVIRONMENTAL TEST
CONDITIONS
LIMITS
PER AEC-Q200
TYPICAL VISHAY
PERFORMANCE
Resistance Temperature Characteristic
-55 °C to +125 °C
± 50 ppm/°C
± 35 ppm/°C
Max. Ambient Temp. at Rated Wattage
+70 °C
+70 °C
Max. Ambient Temp. at Power Derating
+150 °C
+150 °C
High Temperature Storage
R
MIL-STD-202, 108, 1000 h at 125 °C
± 0.1 %
+ 0.016 %
Temperature Cycling
R
JESD22, JA-104, 1000 cycles, -55 °C to +125 °C
± 0.15 %
+ 0.013 %
Moisture Resistance
R
MIL-STD-202, 106
± 0.20 %
+ 0.0010 %
Biased Humidity
R
MIL-STD-202, 103, 1000 h at 85 °C, 85 % RH, 10 % P
± 0.10 %
+ 0.004 %
Life
R
MIL-STD-202, 108 at 125 °C, 1000 h
± 0.1 %
+ 0.0220 %
Mechanical Shock
R
MIL-STD-202, method 213, condition C
± 0.1 %
+ 0.004 %
Vibration
R
MIL-STD-202 method 204, 10 Hz to 2 kHz
± 0.1 %
+ 0.0030 %
Resistance to Soldering Heat
R
MIL-STD-202 method 210, condition D
± 0.10 %
+ 0.0150 %
Electrostatic Discharge
R
AEC-Q200-002 at 2 kV, human body
± 0.10 %
- 0.032 %
Solderability
Visual
J-STD-002, method B and B1
95 %
Acceptable
Terminal Strength
R
AEC-Q200-006 at 1 kg for 60 s
± 0.10 %
+ 0.009 %
Flame Retardance
Visual
AEC-Q200-001 para 4.0
Acceptable
DERATING CURVE
D
L
E
T
W
L
DT
Ambient Temperature °C
0155
0
20
40
60
80
100
70
125



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com