Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAT2010L10R0FST1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PAT2010L10R0FST1
Description  Precision Automotive Thin Film Chip Resistors, AEC-Q200 Qualified, 2 kV ESD Rating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PAT2010L10R0FST1 Datasheet(HTML) 3 Page - Vishay Siliconix

  PAT2010L10R0FST1 Datasheet HTML 1Page - Vishay Siliconix PAT2010L10R0FST1 Datasheet HTML 2Page - Vishay Siliconix PAT2010L10R0FST1 Datasheet HTML 3Page - Vishay Siliconix PAT2010L10R0FST1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAT
www.vishay.com
Vishay Dale Thin Film
Revision: 27-Nov-2019
3
Document Number: 60024
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Preferred packaging code
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: PAT1206E1002BST1
GLOBAL
MODEL
CASE
SIZE
TCR
CHARACTERISTIC
RESISTANCE
TOLERANCE
TERMINATION
PACKAGING
PAT
0402
0603
0805
1206
1505
2010
2208
2512
E = ± 25 ppm/°C
H = ± 50 ppm/°C
K = ± 100 ppm/°C
L = ± 200 ppm/°C
The first 3 digits are
significant figures
and the last digit
specifies the number
of zeros to follow.
“R” designates the
decimal point.
Example:
10R0 = 10
1000 = 100
1002 = 10 k
B = ± 0.1 %
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
S = wraparound
lead (Pb)-free
solder
w/nickel barrier
BULK
BS = 100 min., 1 mult.
WAFFLE
WS = 100 min., 1 mult.
W0 = 100 min., 100 mult.
WI = 100 min., 1 mult.
(item single lot date code)
WP = 100 min., 1 mult.
(package unit single lot
date code)
TAPE AND REEL
T0 = 100 min., 100 mult.
T1 = 1000 min., 1000 mult.
T3 = 300 min., 300 mult.
T5 = 500 min., 500 mult.
TF = full reel
TS = 100 min., 1 mult.
TI = 100 min., 1 mult.
(item single lot date code)
TP = 100 min., 1 mult.
(package unit single lot
date code)
RESISTANCE
TCR
(ppm/°C)
TOLERANCE
(%)
10
 to 1 M
25, 50, 100, 200
0.1, 0.5, 1, 2, 5
5
 to 10 
100, 200
1, 2, 5
1.0
 to 5 
200
1, 2, 5
06
E
1
02
B
0
1
ST
1
T
PA
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com