Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4060 Datasheet(PDF) 8 Page - Analog Devices

Part # MAX4060
Description  Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4060 Datasheet(HTML) 8 Page - Analog Devices

Back Button MAX4060 Datasheet HTML 4Page - Analog Devices MAX4060 Datasheet HTML 5Page - Analog Devices MAX4060 Datasheet HTML 6Page - Analog Devices MAX4060 Datasheet HTML 7Page - Analog Devices MAX4060 Datasheet HTML 8Page - Analog Devices MAX4060 Datasheet HTML 9Page - Analog Devices MAX4060 Datasheet HTML 10Page - Analog Devices MAX4060 Datasheet HTML 11Page - Analog Devices MAX4060 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Detailed Description
The MAX4060/MAX4061/MAX4062 are differential micro-
phone preamplifiers providing high-quality audio, opti-
mized for use in computer and mobile applications. These
devices feature rail-to-rail outputs, very high power-supply
rejection, and common-mode rejection, making them
ideal for low-noise applications. The MAX4060/MAX4061/
MAX4062 are particularly effective when layout con-
straints force the microphone amplifier to be physically
remote from the ECM microphone and/or the rest of the
audio circuitry.
The MAX4060/MAX4062 are capable of switching their
output between the differential input and an inverting
single-ended input. INT/AUX selects either the differ-
ential input or single-ended auxiliary input. In addition,
the MAX4060 has an internal bias generator to bias the
microphone in either differential or single-ended modes.
The MAX4061 includes a complete 0.3μA shutdown
mode for ultimate power savings. The differential gain of
the MAX4061/MAX4062 is set with a single resistor con-
nected between the G1 and G2 pins. The MAX4060 has
a fixed gain of 10V/V.
Differential Input
The main microphone input is a low-noise, differential
input structure. This is an almost essential element when
faced with amplification of low-amplitude analog signals
in digitally intense environments such as notebook PCs
or PDAs. Used correctly, the advantages over a single-
ended solution are:
● Better power-supply noise rejection.
● Less degradation from noise in PC board ground
planes.
● The microphone and preamplifier can be placed
physically further apart, easing PC board layout
restrictions.
PIN
NAME
FUNCTION
MAX4060 MAX4061 MAX4062
1
—
2
INT
/AUX Internal (Differential) or Auxiliary (Single-Ended) Input Select. Drive INT/AUX low
to select internal or high to select auxiliary microphone input.
2
3
3
OUT
Amplifier Output. OUT is high impedance when in shutdown mode.
3
—
—
BIAS
External Electret Microphone Capsule Bias Output. BIAS has a greater than 2kΩ
output impedance.
4
4
5
VCC
Power Supply. Bypass the VCC to GND with a 0.1µF capacitor.
5
5
6
IN+
Noninverting Differential Amplifier Input. AC-couple the audio signal into IN+.
6
6
7
IN-
Inverting Differential Amplifier Input. AC-couple the audio signal into IN-.
7
7
8
GND
Ground
8
—
9
AUX_IN
Single-Ended Input for Auxiliary Microphone. AC-couple the audio signal into
AUX_IN.
—
1
1
G2
Gain-Selectable Input. Connect an external resistor between G1 and G2 to set
the gain for the differential amplifier. (See Adjustable Differential-Gain Setting
section.)
—
2
—
SHDN
Shutdown Input. Drive SHDN high for normal operation. Drive SHDN low for
shutdown mode.
—
—
4
BIAS
External Electret Microphone Capsule Bias Output. Bypass BIAS with 1µF
capacitor to ground.
—
8
10
G1
Gain-Selectable Input. Connect an external resistor between G1 and G2 to set
the gain for the differential amplifier.
—
—
—
EP
Exposed Pad (TDFN Only). Internally connected to GND. Connect to a large
ground plane to minimize thermal performance. Not intended as an electrical
connection point.
www.analog.com
Analog Devices │ 8
MAX4060/MAX4061/
MAX4062
Differential Microphone Preamplifiers with
Internal Bias and Complete Shutdown
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com