Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4060 Datasheet(PDF) 9 Page - Analog Devices

Part # MAX4060
Description  Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4060 Datasheet(HTML) 9 Page - Analog Devices

Back Button MAX4060 Datasheet HTML 5Page - Analog Devices MAX4060 Datasheet HTML 6Page - Analog Devices MAX4060 Datasheet HTML 7Page - Analog Devices MAX4060 Datasheet HTML 8Page - Analog Devices MAX4060 Datasheet HTML 9Page - Analog Devices MAX4060 Datasheet HTML 10Page - Analog Devices MAX4060 Datasheet HTML 11Page - Analog Devices MAX4060 Datasheet HTML 12Page - Analog Devices MAX4060 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Fixed Differential Gain (MAX4060)
The MAX4060 has an internal fixed gain of 10V/V for its
differential input. This feature simplifies design, reduces
pin count, footprint, and eliminates external gain-setting
resistors.
Adjustable Differential-Gain Setting
The MAX4061/MAX4062 allow the user to alter the gain
to optimize the signal-to-noise ratio (SNR) of their system.
The gain is set by a single external resistor (RG) con-
nected between the G1 and G2 pins, where:
RG = 100kΩ / (AV - 1)
where AV is the required voltage gain.
Hence, an 11.11kΩ resistor yields a gain of 10V/V, or
20dB. Leaving the pins unconnected results in a gain of
1V/V. Gain for the MAX4061/MAX4062 is defined as:
AV = VOUT / (VIN+ - VIN-)
The resistor can be either fixed or variable, allowing the
use of a digitally controlled potentiometer to alter the gain
under software control.
Input Capacitors
The two differential microphone inputs and the sin-
gle-ended auxiliary input of the MAX4060/MAX4061/
MAX4062 have on-chip bias components, allowing the
user to AC-couple any signals onto the input. The input
resistance is 100kΩ (typ), so the capacitor size may be
chosen accordingly to define the LF rolloff desired. This
can be calculated as:
CIN = 1 / (2πfCUTRIN)
This assumes a low source impedance driving the inputs.
A further consideration for the differential input is the
effect of these series input capacitors on low-frequency,
common-mode rejection. Any mismatch in the values of
these two capacitors degrades the CMRR at frequen-
cies where the impedance of the capacitor is significant
compared to the input resistance of the amplifier—this is
usually most noticeable at low frequencies. One way to
avoid the need for matched or tight tolerance capacitors
is to deliberately oversize the values on the differential
BIAS
IN-
IN+
6
5
4
VCC
2.4V TO 5.5V
MAX4060
INT/AUX 1
OUT 2
GND
7
BIAS
3
VBIAS
BIAS
x10
BIAS
8 AUX_IN
x10
www.analog.com
Analog Devices │ 9
MAX4060/MAX4061/
MAX4062
Differential Microphone Preamplifiers with
Internal Bias and Complete Shutdown
Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com