Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78M00AB Datasheet(PDF) 9 Page - STMicroelectronics

Part # L78M00AB
Description  PRECISION 500mA REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M00AB Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L78M00AB Datasheet HTML 5Page - STMicroelectronics L78M00AB Datasheet HTML 6Page - STMicroelectronics L78M00AB Datasheet HTML 7Page - STMicroelectronics L78M00AB Datasheet HTML 8Page - STMicroelectronics L78M00AB Datasheet HTML 9Page - STMicroelectronics L78M00AB Datasheet HTML 10Page - STMicroelectronics L78M00AB Datasheet HTML 11Page - STMicroelectronics L78M00AB Datasheet HTML 12Page - STMicroelectronics L78M00AB Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
L78M00AB/AC SERIES
9/17
ELECTRICAL CHARACTERISTICS OF L78M20XX (refer to the test circuits, VI = 29V, IO =350 mA,
CI =0.33µF, CO =0.1 µF, TJ = -40 to 125°C (AB), TJ = 0 to 125°C (AC) unless otherwise specified)
ELECTRICAL CHARACTERISTICS OF L78M24XX (refer to the test circuits, VI = 33V, IO =350 mA,
CI =0.33µF, CO =0.1 µF, TJ = -40 to 125°C (AB), TJ = 0 to 125°C (AC) unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
19.6
20
20.4
V
VO
Output Voltage
IO = 5 to 350 mA
VI =23to35V
19.2
20
20.8
V
∆V
O
Line Regulation
VI =23 to35 V, IO = 200 mA TJ = 25°C
100
mV
VI =24 to35 V, IO = 200 mA TJ = 25°C
30
∆V
O
Load Regulation
IO = 5 to 500 mA
TJ = 25°C
400
mV
IO = 5 to 200 mA
TJ = 25°C
200
Id
Quiescent Current
TJ = 25°C
6
mA
∆I
d
Quiescent Current Change
IO = 5 to 350 mA
0.5
mA
IO = 200 mA
VI =23to35V
0.8
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-1.1
mV/°C
SVR
Supply Voltage Rejection
VI = 24 to 34 V
f = 120Hz
IO = 300mA
TJ = 25°C
53
dB
eN
Output Noise Voltage
B =10Hz to 100KHz
TJ = 25°C
110
µV
Vd
Dropout Voltage
TJ = 25°C
2
V
Isc
Short Circuit Current
TJ = 25°C
VI = 35 V
240
mA
Iscp
Short Circuit Peak Current
TJ = 25°C
700
mA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
23.5
24
24.5
V
VO
Output Voltage
IO = 5 to 350 mA
VI =27to38V
23
24
25
V
∆V
O
Line Regulation
VI =27 to38 V, IO = 200 mA TJ = 25°C
100
mV
VI =28 to38 V, IO = 200 mA TJ = 25°C
30
∆V
O
Load Regulation
IO = 5 to 500 mA
TJ = 25°C
480
mV
IO = 5 to 200 mA
TJ = 25°C
240
Id
Quiescent Current
TJ = 25°C
6
mA
∆I
d
Quiescent Current Change
IO = 5 to 350 mA
0.5
mA
IO = 200 mA
VI =27to38V
0.8
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-1.2
mV/°C
SVR
Supply Voltage Rejection
VI = 28 to 38 V
f = 120Hz
IO = 300mA
TJ = 25°C
50
dB
eN
Output Noise Voltage
B =10Hz to 100KHz
TJ = 25°C
170
µV
Vd
Dropout Voltage
TJ = 25°C
2
V
Isc
Short Circuit Current
TJ = 25°C
VI = 35 V
240
mA
Iscp
Short Circuit Peak Current
TJ = 25°C
700
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com