Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78M00AB Datasheet(PDF) 1 Page - STMicroelectronics

Part # L78M00AB
Description  PRECISION 500mA REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M00AB Datasheet(HTML) 1 Page - STMicroelectronics

  L78M00AB Datasheet HTML 1Page - STMicroelectronics L78M00AB Datasheet HTML 2Page - STMicroelectronics L78M00AB Datasheet HTML 3Page - STMicroelectronics L78M00AB Datasheet HTML 4Page - STMicroelectronics L78M00AB Datasheet HTML 5Page - STMicroelectronics L78M00AB Datasheet HTML 6Page - STMicroelectronics L78M00AB Datasheet HTML 7Page - STMicroelectronics L78M00AB Datasheet HTML 8Page - STMicroelectronics L78M00AB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/17
October 2003
s
OUTPUT CURRENT TO 0.5A
s
OUTPUT VOLTAGES OF 5; 6; 8; 9; 10; 12;
15; 18; 20; 24V
s
THERMAL OVERLOAD PROTECTION
s
SHORT CIRCUIT PROTECTION
s
OUTPUT TRANSITION SOA PROTECTION
s
±2% OUTPUT VOLTAGE TOLERANCE
s
GUARANTEED IN EXTENDED
TEMPERATURE RANGE
DESCRIPTION
The L78M00AB series of three-terminal positive
regulators is available in TO-220 and DPAK
packages and with several fixed output voltages,
making it useful in a wide range of applications.
These regulators can provide local on-card
regulation eliminating the distribution problems
associated with single point regulation. Each type
employs
internal
current
limiting,
thermal
shut-down and safe area protection, making it
essentially indestructible. If adequate heat sinking
is provided, they can deliver over 0.5A output
current. Although designed primarily as fixed
voltage regulators, these devices can be used
with external components to obtain adjustable
voltage and currents.
L78M00AB/AC
SERIES
PRECISION 500mA REGULATORS
SCHEMATIC DIAGRAM
TO-220
DPAK


Similar Part No. - L78M00AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78M00 STMICROELECTRONICS-L78M00 Datasheet
173Kb / 19P
POSITIVE VOLTAGE REGULATORS
Jan-2004
logo
Sanyo Semicon Device
L78M00 SANYO-L78M00 Datasheet
230Kb / 8P
5 to 24V 0.5A 3-Pin Voltage Regulators
logo
STMicroelectronics
L78M00 STMICROELECTRONICS-L78M00 Datasheet
1Mb / 21P
POSITIVE VOLTAGE REGULATORS
January 2004
L78M00 STMICROELECTRONICS-L78M00 Datasheet
493Kb / 30P
Positive voltage regulators
29-Nov-2006
logo
Sanyo Semicon Device
L78M00T SANYO-L78M00T Datasheet
230Kb / 8P
5 to 24V 0.5A 3-Pin Voltage Regulators
More results

Similar Description - L78M00AB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2937 SIPEX-SPX2937 Datasheet
133Kb / 4P
500mA Low Dropout Voltage Regulators
logo
Linear Technology
LTC3025-1 LINER-LTC3025-1 Datasheet
188Kb / 12P
500mA Micropower VLDO Linear Regulators
logo
Unisonic Technologies
L1923 UTC-L1923 Datasheet
198Kb / 7P
500mA HIGH PSRR LDO REGULATORS
L1923 UTC-L1923_11 Datasheet
216Kb / 7P
500mA HIGH PSRR LDO REGULATORS
logo
Rohm
BA78M12FP-E2 ROHM-BA78M12FP-E2 Datasheet
495Kb / 15P
500mA Output 78 series Regulators
logo
Linear Technology
LTC3025-1 LINER-LTC3025-1_15 Datasheet
255Kb / 14P
500mA Micropower VLDO Linear Regulators
LTC3025-3 LINER-LTC3025-3_15 Datasheet
255Kb / 14P
500mA Micropower VLDO Linear Regulators
LTC3025-4 LINER-LTC3025-4_15 Datasheet
255Kb / 14P
500mA Micropower VLDO Linear Regulators
logo
Global Mixed-mode Techn...
G9001 GMT-G9001 Datasheet
45Kb / 2P
500mA Low-Dropout Linear Regulators
logo
E-CMOS Corporation
EC78XXM E-CMOS-EC78XXM Datasheet
893Kb / 15P
500mA Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com