Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPF0900AMDA0ES Datasheet(PDF) 145 Page - NXP Semiconductors

Part # MPF0900AMDA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMDA0ES Datasheet(HTML) 145 Page - NXP Semiconductors

Back Button MPF0900AMDA0ES Datasheet HTML 141Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 142Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 143Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 144Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 145Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 146Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 147Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 148Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 149Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
14 Functional safety
The PF09 is developed in accordance with the ISO 26262 standard and in compliance with the industrial
IEC61508 safety standard as a safety element out of context (SEooC). It provides a comprehensive set of
functional safety features to reach an automotive safety integrity level up to ASIL D and industrial SIL 2.
The available safety monitoring features depend on the target safety integrity level and PF09 device version. A
superset of the potential safety functions are listed below:
• Output voltage monitoring with dedicated bandgap reference
• Bandgap monitoring
• Protected I2C protocol with CRC verification.
• Hash fault monitoring (dynamic CRC)
• System watchdog management
• Dedicated Fail-safe output (FS0B)
• System interface safety outputs (RSTB, PGOOD, INTB)
• External fault detection inputs (FCCU, ERRMON)
• Power-up analog self-test + ABIST on demand
• Power-up logic built-in self-test + LBIST on demand
• Fully isolated digital machine supervisor
Main digital
controller
aaa-056080
Clock monitoring
VIN_OV monitor
OV monitoring
ABIST
BG MON
Monitoring BG
Analog supply
Digital supply
Clock management
Regulator BG
Safety outputs
AMUX
Thermal monitoring
FCCU mon
ERRMON
XRESET
FCCU1/2
MCU I2C
comm.
MCU ADC
Input supply
CRC + secure
write
LBIST
System checks
Dynamic CRC
OTP CRC
ABIST
WD
monitoring
Digital machine
supervisor
SHS
DMS
digital supply
Input supply
FS0B
RSTB
PGOOD
REG OUT
OV/UV
monitoring
External VMON
Voltage
generation
I2C comm.
Non-safety functions
Functional safety
Supply
Figure 38. PF09 safety architecture diagram
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
145 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com