| Electronic Components Datasheet Search |
|
MPF0900AMDA0ES Datasheet(PDF) 43 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF0900AMDA0ES Datasheet(HTML) 43 Page - NXP Semiconductors |
|
43 / 205 page ![]() NXP Semiconductors PF09 Nine-channel power management IC with advanced system safety monitoring aaa-056051 0 RESET_CNT RESET EVENT 1 RESET EVENT 2 RESET EVENT 3 RESET EVENT 4 RESET EVENT 5 n = RESET_MAX RESET_CNT reset on LPOFF RESET_CNT reset by MCU Fail-safe TRANSITION RESET EVENT Figure 12. Reset counter strategy. The device can bypass the cyclic reset failure by setting the RESET_MAX[3:0] = 0x00. In this scenario, the PMIC will be able to keep generating reset events, however, the device will never be able to proceed to a fault shutdown. If the cyclic reset failure is bypassed, the RESET_CNT[3:0] value will still be increased for every reset event until it reaches the maximum count (0b1111), and it will keep that value until the counter is reset manually or when the device crosses into the LPOFF state. 12.4.3 Early warning When a power down is initiated due to a fault condition, an EWARN_I interrupt will be set, and the INTB pin will be asserted before it starts the Power-down sequence. The following fault modes will generate an EWARN interrupt: • Fault timer expired • FAULT_CNT = FAULT_MAX_CNT • Thermal shutdown (TJ > TSD) • A hard reset event • A VIN_OV event when VIN_OV_SDWN=1 • A turn-off event due to RSTB being asserted externally The OTP_EWARN_TIME[1:0] allows the user to select a time delay from when the EWARN interrupt is generated and the power-down sequence is started. PF09 All information provided in this document is subject to legal disclaimers. © 2026 NXP B.V. All rights reserved. Product data sheet Rev. 1.3 — 16 December 2025 Document feedback 43 / 205 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |