| Electronic Components Datasheet Search |
|
MPF0900AMDA0ES Datasheet(PDF) 46 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF0900AMDA0ES Datasheet(HTML) 46 Page - NXP Semiconductors |
|
46 / 205 page ![]() NXP Semiconductors PF09 Nine-channel power management IC with advanced system safety monitoring aaa-056053 SW3 LDO1 SW2 SW1 GPOx RSTB INTB RUN mode PWRDN sequence from RUN to STBY STBY mode PWRDN_I PWRUP_I PWRUP sequence from STBY to RUN RUN mode Figure 14. RUN and STANDBY transitions 12.5.1 RUN to STANDBY transition When transitioning from RUN to STANDBY, the power-down sequencer is started if any of the system regulators in the power-up sequence needs to be turned off in the STANDBY State. Regulators with the bits _SEQ[7:0] = 0x00 and whose STANDBY configuration is different from the RUN configuration will change to the corresponding STANDBY mode first, followed by the regulators / GPIOs with a power-down slot assigned in the _SEQ[7:0] bits. If system regulators are not turned off during this transition, the power-down sequence for such regulators is ignored and the voltage transition happens at the beginning of the power-down sequence. The PWRDN_I interrupt is set at the end of the transition from RUN to STANDBY when the Power-down sequence is finished. Note that any associated dynamic voltage scaling (DVS) transitions on the switching regulators will be considered within the power-down sequence, and the PWRDN_I interrupt will be asserted only after all the switching regulators have finished their DVS cycle during the transition. However, because the LDO regulators are discharged passively through the internal pulldown resistor, the changes in the LDO regulators are considered finished right after the new configuration is applied, without taking into consideration the discharge time due to the external capacitor. 12.5.2 STANDBY to RUN transition When transitioning from the STANDBY state to the RUN state, the time-based Power-up sequence is followed by any of the system regulators set up to enabled during the transition from STANDBY to RUN. If none of the regulators toggle from OFF to ON, and only voltage changes are being performed when exiting the STANDBY state, the changes in the system regulators are made simultaneously rather than going through the power-up sequencer. During the transition from STANDBY to RUN, for regulators with the bits _SEQ[7:0] = 0x00 and whose RUN configuration is set to OFF, the regulator will be disabled first, before the power-up sequencer is started. The PWRUP_I interrupt is set when the device has finished transitioning from STANDBY to RUN. PF09 All information provided in this document is subject to legal disclaimers. © 2026 NXP B.V. All rights reserved. Product data sheet Rev. 1.3 — 16 December 2025 Document feedback 46 / 205 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |