Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPF0900AMDA0ES Datasheet(PDF) 124 Page - NXP Semiconductors

Part # MPF0900AMDA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMDA0ES Datasheet(HTML) 124 Page - NXP Semiconductors

Back Button MPF0900AMDA0ES Datasheet HTML 120Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 121Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 122Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 123Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 124Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 125Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 126Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 127Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 128Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
OTP_LDOx_UVTH[2:0]
UV threshold
000
96.5 %
001
96.0 %
010
95.5 %
011
95.0 %
100
94.5 %
101
94.0 %
110
93.5 %
111
93.0 %
Table 160. LDOx UV threshold configuration bits
The overvoltage monitoring threshold for the LDO regulators is set in the OTP registers via the
OTP_xxx_OVTH[2:0] bits.
OTP_LDOx_OVTH[2:0]
OV threshold
000
103.5 %
001
104.0 %
010
104.5 %
011
105.0 %
100
105.5 %
101
106.0 %
110
106.5 %
111
107.0 %
Table 161. LDOx OV threshold configuration bits
The UV and OV thresholds represent percentages of the nominal voltage programmed on each regulator.
Settng the thresholds ensures that an undervoltage condition below the selected UV threshold or an
overvoltage condition above the selected OV threshold will always be detected by the VMON circuit.
OV/UV monitoring for all SWx and LDOx regulator are provided with a hysteresis to prevent multiple fault
detection on borderline conditions, however, because the SW regulators offer very tight monitoring as low
as 2.5% of the nominal voltage selection, the PF09 provides the OTP_SWx_2P5TH_HYS bits to disable the
hysteresis in the +/-2.5% monitoring threshold in order to avoid potential overlapping conditions between the
voltage accuracy and the monitoring threshold accuracy specifications.
OTP_SWx_2P5TH_HYS
Hysteresis on 2.5 % OV/UV threshold
0
Disabled
1
Enabled
Table 162. Hysteresis on 2.5 % OV/UV threshold configuration bits
On part numbers using the 2.5% OV/UV monitoring threshold without hysteresis, it is recommended to select
larger OV/UV debounce times to minimize multiple fault detection due to oscillating borderline conditions.
The debounce time required for an OV condition to be detected can be programmed in the functional register
via the OV_DBNC[1:0] bits. The OV debounce time is global for all voltage monitors, and, by default, the
configuration, is reset to the lowest condition (0b00) at power up. The MCU must configure the actual value
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
124 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com