| Electronic Components Datasheet Search |
|
MPF0900AMBA2ES Datasheet(PDF) 23 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF0900AMBA2ES Datasheet(HTML) 23 Page - NXP Semiconductors |
|
23 / 205 page ![]() NXP Semiconductors PF09 Nine-channel power management IC with advanced system safety monitoring When the device transitions from the RUN to the STANDBY state, the system will trigger a PWRDN_I interrupt. The PWRDN_I event will assert the INTB pin only if the PWRDN_M = 0 (interrupt un-masked). By default, the PWRDN_M bit is masked upon power up. 11.2.9 Power-down sequence Three types of events may lead to the power-down sequence. • Non-faulty or requested turn-off event • Turn-off events due to a PMIC fault • Reset event During the power-down sequence, the system regulators are disabled as described in the power-down sequencing section. 11.2.9.1 TURNOFF state Non-faulty turn-off events move directly into the corresponding low-power state as soon as the power-down sequence is finalized. If the VAON is set to operate as an always-on regulator, the VAON output will remain enabled during the turn- off event and into the low-power modes. If the VAON is set as a system regulator, the VAON regulator will be disabled as defined in the power-down sequence. All other system regulators will be disabled as defined in the power-down sequence. 11.2.9.2 FAULT state Turn-off events due to a PMIC fault will move into the Fail-safe transition as soon as the power down sequence is finalized. If the VAON is set as an always-on regulator, the VAON output will remain enabled during a fault event transitioning through the Fail-safe transition. If the VAON is set as a system regulator, the VAON output will be disabled as defined in the power-down sequence. All other system regulators are disabled as defined in the power-down sequence. 11.2.9.3 RESET state A RESET state is provided to allow the system to refresh the configuration without looping through a full power cycle. During a reset event, the system can decide whether the VAON supply remains enabled, to maintain the always-on domain or turn off to generate a full system reset condition. When a reset event has occurred, the device turns off the system regulators as defined by the power-down sequence, and it will power back up without the need of a new power-on event. 11.2.10 Fail-safe transition During the Fail-safe transition, the VAON remains enabled if it is configured as an always-on regulator. All system regulators will remain disabled until the next power-up sequence. The state machine provides a Fail-safe counter (FS_CNT[3:0]) to prevent a non-recoverable cyclic failure from happening. PF09 All information provided in this document is subject to legal disclaimers. © 2026 NXP B.V. All rights reserved. Product data sheet Rev. 1.3 — 16 December 2025 Document feedback 23 / 205 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |