Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7812C Datasheet(PDF) 27 Page - STMicroelectronics

Part # L7812C
Description  POSITIVE VOLTAGE REGULATORS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7812C Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L7812C Datasheet HTML 23Page - STMicroelectronics L7812C Datasheet HTML 24Page - STMicroelectronics L7812C Datasheet HTML 25Page - STMicroelectronics L7812C Datasheet HTML 26Page - STMicroelectronics L7812C Datasheet HTML 27Page - STMicroelectronics L7812C Datasheet HTML 28Page - STMicroelectronics L7812C Datasheet HTML 29Page - STMicroelectronics L7812C Datasheet HTML 30Page - STMicroelectronics L7812C Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
L7800 SERIES
27/34
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.47
4.67
0.176
0.184
b
0.70
0.91
0.028
0.036
b1
1.17
1.37
0.046
0.054
c
0.31
0.53
0.012
0.021
D
14.60
15.70
0.575
0.618
E
9.96
10.36
0.392
0.408
e
2.54
0.100
e1
5.08
0.200
F
1.17
1.37
0.046
0.054
H1
6.1
6.8
0.240
0.268
J1
2.52
2.82
0.099
0.111
L
12.70
13.80
0.500
0.543
L1
3.20
3.96
0.126
0.156
L20
15.21
16.77
0.599
0.660
φP
3.73
3.94
0.147
0.155
Q
2.59
2.89
0.102
0.114
TO-220 (E TYPE) MECHANICAL DATA
7655923/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com