Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7812C Datasheet(PDF) 30 Page - STMicroelectronics

Part # L7812C
Description  POSITIVE VOLTAGE REGULATORS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7812C Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L7812C Datasheet HTML 26Page - STMicroelectronics L7812C Datasheet HTML 27Page - STMicroelectronics L7812C Datasheet HTML 28Page - STMicroelectronics L7812C Datasheet HTML 29Page - STMicroelectronics L7812C Datasheet HTML 30Page - STMicroelectronics L7812C Datasheet HTML 31Page - STMicroelectronics L7812C Datasheet HTML 32Page - STMicroelectronics L7812C Datasheet HTML 33Page - STMicroelectronics L7812C Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
L7800 SERIES
30/34
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.4
4.6
0.173
0.181
A1
0.03
0.23
0.001
0.009
b
0.7
0.93
0.027
0.036
b2
1.14
1.7
0.044
0.067
c
0.45
0.6
0.017
0.023
c2
1.23
1.36
0.048
0.053
D
8.95
9.35
0.352
0.368
D1
8
0.315
E
10
10.4
0.393
0.409
E1
8.5
0.335
e
2.54
0.100
e1
4.88
5.28
0.192
0.208
H
15
15.85
0.590
0.624
J1
2.49
2.69
0.098
0.106
L
2.29
2.79
0.090
0.110
L1
1.27
1.4
0.050
0.055
L2
1.3
1.75
0.051
0.069
R
0.4
0.016
V2
0°
8°
0°
8°
D2PAK (A TYPE) MECHANICAL DATA
0079457/J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com