Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA656 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA656
Description  OPA818 2.7GHz, High-Voltage, FET-Input, Low-Noise, Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA656 Datasheet(HTML) 2 Page - Texas Instruments

  OPA656 Datasheet HTML 1Page - Texas Instruments OPA656 Datasheet HTML 2Page - Texas Instruments OPA656 Datasheet HTML 3Page - Texas Instruments OPA656 Datasheet HTML 4Page - Texas Instruments OPA656 Datasheet HTML 5Page - Texas Instruments OPA656 Datasheet HTML 6Page - Texas Instruments OPA656 Datasheet HTML 7Page - Texas Instruments OPA656 Datasheet HTML 8Page - Texas Instruments OPA656 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics.............................................5
6.6 Typical Characteristics: VS = ±5 V.............................. 7
6.7 Typical Characteristics: VS = 6 V.............................. 13
7 Detailed Description......................................................14
7.1 Overview................................................................... 14
7.2 Functional Block Diagram......................................... 14
7.3 Feature Description...................................................14
7.4 Device Functional Modes..........................................17
8 Application and Implementation.................................. 18
8.1 Application Information............................................. 18
8.2 Typical Applications.................................................. 20
8.3 Power Supply Recommendations.............................23
8.4 Layout....................................................................... 23
9 Device and Documentation Support............................26
9.1 Device Support......................................................... 26
9.2 Documentation Support............................................ 26
9.3 Receiving Notification of Documentation Updates....26
9.4 Support Resources................................................... 26
9.5 Trademarks...............................................................26
9.6 Electrostatic Discharge Caution................................26
9.7 Glossary....................................................................26
10 Revision History.......................................................... 26
11 Mechanical, Packaging, and Orderable
Information.................................................................... 27
4 Device Comparison Table
DEVICE
VS (V)
BW (MHz)
Input
SLEW RATE
(V/μs)
VOLTAGE NOISE
(nV/√ Hz)
MINIMUM STABLE
GAIN (V/V)
OPA818
±6.5
2700
FET
1400
2.2
7
OPA657
±5
1600
FET
700
4.8
7
OPA656
±5
230
FET
290
7
1
OPA659
±6
350
FET
2550
8.9
1
LMH6629 (1)
±2.5
800 or 4000
BJT
530 or 1600
0.69
4 or 10
OPA858
±2.5
5500
CMOS
2000
2.5
7
THS4631
±15
210
FET
1000
7
1
(1)
Pin selectable compensation.
OPA818
SBOS940B – MAY 2019 – REVISED DECEMBER 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA818



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com