Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA656 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA656
Description  OPA818 2.7GHz, High-Voltage, FET-Input, Low-Noise, Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA656 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 8Page - Texas Instruments OPA656 Datasheet HTML 9Page - Texas Instruments OPA656 Datasheet HTML 10Page - Texas Instruments OPA656 Datasheet HTML 11Page - Texas Instruments OPA656 Datasheet HTML 12Page - Texas Instruments OPA656 Datasheet HTML 13Page - Texas Instruments OPA656 Datasheet HTML 14Page - Texas Instruments OPA656 Datasheet HTML 15Page - Texas Instruments OPA656 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
6.6 Typical Characteristics: VS = ±5 V (continued)
at TA ≅ 25°C, VS+ = +5 V, VS– = –5 V, closed-loop gain (G) = 7 V/V, VCM = midsupply, RF = 301 Ω, RL = 100 Ω to midsupply,
small-signal VO = 100 mVPP, and large-signal VO = 2 VPP (unless otherwise noted)
Ambient Temperature, TA (qC)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
D046
35 units, delta from 25°C VOS
Figure 6-31. Input Offset Voltage vs Temperature
Input Offset Voltage (mV)
0
100
200
300
400
500
600
700
800
D045
VS = 10 V
VS = 6 V
1000 units at each VS
Figure 6-32. Input Offset Voltage Histogram
Ambient Temperature, TA (qC)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
-100
0
100
200
300
400
500
600
700
D049
12 units, delta from 25°C IB
Figure 6-33. Input Bias Current vs Temperature
Input Bias and Offset Current (pA)
0
100
200
300
400
500
600
700
800
900
1000
D047
IB+
IB
IOS
1000 units
Figure 6-34. Input Bias and Offset Current Histogram
Ambient Temperature, TA (qC)
-40 -30 -20 -10
0
10
20 30
40
50
60
70
80
90
-150
-125
-100
-75
-50
-25
0
25
50
75
100
125
150
D051
12 units, delta from 25°C IOS
Figure 6-35. Input Offset Current vs Temperature
Time (ns)
0
50
100
150
200
250
300
350
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
D037
Input u 10
Output
G = 10 V/V
Figure 6-36. Output Overdrive Recovery
OPA818
SBOS940B – MAY 2019 – REVISED DECEMBER 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA818



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com