Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA596DBVR Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA596DBVR
Description  OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With MUX-Friendly Inputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA596DBVR Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA596DBVR Datasheet HTML 13Page - Texas Instruments OPA596DBVR Datasheet HTML 14Page - Texas Instruments OPA596DBVR Datasheet HTML 15Page - Texas Instruments OPA596DBVR Datasheet HTML 16Page - Texas Instruments OPA596DBVR Datasheet HTML 17Page - Texas Instruments OPA596DBVR Datasheet HTML 18Page - Texas Instruments OPA596DBVR Datasheet HTML 19Page - Texas Instruments OPA596DBVR Datasheet HTML 20Page - Texas Instruments OPA596DBVR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
6.3.2 Thermal Protection
The OPAx596 has a thermal protection feature that prevents damage from self heating. When the junction
temperature (TJ) reaches approximately 170ºC, the op amp output stage disables. This thermal protection works
by monitoring the temperature of the output stage and turning off the op amp output drive. Thermal protection
forces the output to a high-impedance state. The OPAx596 is designed with approximately 20°C of thermal
hysteresis and returns to normal operation when the output stage temperature becomes less than approximately
150°C.
This thermal protection is not designed to prevent this device from exceeding absolute maximum ratings, but
rather from excessive thermal overload.
6.3.3 Advanced Slew Boost
Slew rate is the maximum rate of change of output voltage change with respect to time and is typically specified
in units of volts per microsecond, V/µs. Op amps can enter a slew condition when a large, rapid moving signal
is applied at the input. While slewing, the op amp enters an open loop condition and significant slew induced
distortion can be seen on the output signal.
Equation 1 shows that the slew rate, SR, of an op amp is typically determined by the saturation current of the
input stage, ITAIL, and the compensation capacitor, CC.
SR=ITAILCC
(1)
Slew rate typically scales with the quiescent current, IQ, of the op amp. There are several ways that designers
have overcome slew rate limitation. For example, lowering CC, commonly known as decompensation, improves
slew rate at the expense of stability. Decompensated op amps require a minimum gain and are not stable
at unity gain. More commonly, modern op amps are equipped with slew boost technology that increases ISAT
to improve slew rate. Slew boost circuits can vary in implementation, but typically, expect about a four-fold
improvement over comparable unboosted op amps.
The OPAx596 uses a proprietary design to achieve an unprecedented slew rate to IQ ratio. The novel slew boost
technology in OPAx596 provides a nearly 100 × slew rate improvement over comparable unboosted op amps.
The op amp is unity gain stable and can be used configured as a buffer if desired.
Table 6-1 shows a comparison of slew rates and quiescent currents of different op amps.
Table 6-1. Op Amp Slew Rates and Quiescent
Current
PART NUMBER
SLEW RATE
QUIESCENT
CURRENT
OPAx596
100V/µs
420µA
OPAx188
0.8V/µs
425µA
OPAx202
0.35V/µs
580µA
OPAx192
20V/µs
1mA
OPA454
13V/µs
3.2mA
6.3.4 Overload Recovery
Overload recovery is defined as the time required for the op amp output to recover from a saturated state to
a linear state. The output devices of the op amp enter a saturation region when the output voltage exceeds
the rated operating voltage, either due to the high input voltage or the high gain. After the device enters the
saturation region, the charge carriers in the output devices require time to return back to the linear state. After
the charge carriers return back to the linear state, the device begins to slew at the specified slew rate. Thus, the
propagation delay in case of an overload condition is the sum of the overload recovery time and the slew time.
www.ti.com
OPA596, OPA2596
SBOSA42C – JUNE 2024 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA596 OPA2596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com