Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA596DBVR Datasheet(PDF) 26 Page - Texas Instruments

Part # OPA596DBVR
Description  OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With MUX-Friendly Inputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA596DBVR Datasheet(HTML) 26 Page - Texas Instruments

Back Button OPA596DBVR Datasheet HTML 22Page - Texas Instruments OPA596DBVR Datasheet HTML 23Page - Texas Instruments OPA596DBVR Datasheet HTML 24Page - Texas Instruments OPA596DBVR Datasheet HTML 25Page - Texas Instruments OPA596DBVR Datasheet HTML 26Page - Texas Instruments OPA596DBVR Datasheet HTML 27Page - Texas Instruments OPA596DBVR Datasheet HTML 28Page - Texas Instruments OPA596DBVR Datasheet HTML 29Page - Texas Instruments OPA596DBVR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
For example, assume the OPAx596 is powered with bipolar ±42.5V power supplies and drives a 5kΩ load, RL, to
ground. The maximum increase in TJ is expected to be about 22°C as given by Equation 7. In this example, to
keep the op amp within the Absolute Maximum Ratings, operate in TA well under 128°C to account for different
factors. The calculation for a 5kΩ load is depicted visually in Figure 7-9.
∆TJ= 41.7mW+90.3mW ×165.4°CW
(7)
For high-voltage amplifiers such as the OPAx596, the junction temperature can easily be tens of degrees
higher than the ambient temperature in a quiescent (unloaded) condition. As shown by Equation 3, the junction
temperature depends on the thermal properties of the package, as expressed by the junction-to-ambient thermal
resistance (RϴJA). If the device then begins to drive a heavy load, the junction temperature can rise and trip
the thermal-shutdown circuit. Figure 7-9 shows the maximum output voltage versus ambient temperature to
avoid exceeding the Absolute Maximum Ratings in both loaded and unloaded conditions for the SOT23-5
package version of the OPA596. The curve assumes a typical quiescent current and does not account for any
temperature variation of quiescent current.
Ambient Temperature ( C)
85
95
105
115
125
135
145
0
10
20
30
40
50
60
70
80
90
100
Unloaded
Loaded (2k )
Loaded (10k )
Figure 7-9. OPA596 (SOT23-5) Thermal Safe
Operating Area
Temperature ( C)
65
75
85
95
105
115
125
135
145
0
10
20
30
40
50
60
70
80
90
100
Unloaded
Loaded (10k )
Loaded (2k )
Figure 7-10. OPA2596 (VSSOP-8) Thermal Safe
Operating Area
OPA596, OPA2596
SBOSA42C – JUNE 2024 – REVISED DECEMBER 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA596 OPA2596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com