Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8808D/KDX Datasheet(PDF) 46 Page - Microchip Technology

Part # LAN8808D/KDX
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8808D/KDX Datasheet(HTML) 46 Page - Microchip Technology

Back Button LAN8808D/KDX Datasheet HTML 42Page - Microchip Technology LAN8808D/KDX Datasheet HTML 43Page - Microchip Technology LAN8808D/KDX Datasheet HTML 44Page - Microchip Technology LAN8808D/KDX Datasheet HTML 45Page - Microchip Technology LAN8808D/KDX Datasheet HTML 46Page - Microchip Technology LAN8808D/KDX Datasheet HTML 47Page - Microchip Technology LAN8808D/KDX Datasheet HTML 48Page - Microchip Technology LAN8808D/KDX Datasheet HTML 49Page - Microchip Technology LAN8808D/KDX Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
LAN8808D
DS00005833C-page 46
© 2026 Microchip Technology Inc. and its subsidiaries
5.16
GPIOs
The General Purpose I/Os (GPIOs) consist of 22 programmable input/output pins that are shared with other pins. These
pins are individually configurable via the GPIO registers.
GPIOs support the following functions:
• Software-readable GPIO. The GPIO is an input and its value can be directly read via the GPIO Data register. In
addition, these GPIOs can also be configured to generate interrupts.
• Software-writable GPIO. The GPIO is an output and its value can be directly set via the GPIO Data register.
• GPIO Alternate Function. The GPIO pin is shared with some other function. Depending on the alternate function,
the GPIO pin may be either an input or output. If the GPIO pin is an input, it can still be configured to perform any
GPIO input function in addition to the alternate function.
For a pin to function as its GPIO, the GPIO must be enabled via the corresponding bit in the GPIO Enable Registers.
When configured as an input, via the GPIO Direction register (GPIO_DIR1 or GPIO_DIR2), the pin’s pull-up is enabled.
Each bit in the GPIO Data Registers reflects the current state of the corresponding GPIO input.
When configured as an output, the output buffer type is selected by the corresponding bit in the GPIO Buffer Type Reg-
isters. Push/pull and open-drain output buffers are supported for each GPIO.
• When functioning as an open-drain driver, the GPIO output pin is driven low when the corresponding bit in the
GPIO Data Registers is cleared to ‘0’ and is not driven when set to ‘1’.
• When functioning as a push/pull output, the GPIO output pin is driven low or high by the corresponding bit in the
GPIO Data Registers.
When a GPIO is set to an output, the pin’s pull-up is disabled, however the pin’s input buffer remains enabled. A read
of the GPIO Data Registers returns the state of the GPIO inputs (not the previous values written to these registers).
5.16.1
GPIO ALTERNATE FUNCTIONS
Many GPIOs have the ability to be used as an alternate function. Once enabled as a GPIO, the alternate function is
selected by the bits in the GPIO Alternate Function Select Registers.
The alternate function buffer type is still selected via the GPIO Buffer Type Registers. If the alternate function is a Port
LED and the GPIO Buffer Type is open-drain, the output buffer will automatically select between open-source and open-
drain based on the applicable LED Polarity.
Alternate Functions input pins can be read by software via the GPIO Data register, can generate GPIO Interrupts.
Table 5-7 describes the alternate function mappings. Alternate functions are each described fully in Section 3.0, "Pin
Descriptions and Configuration".
Note:
Extreme care must be taken on strap input pins that may be used for General Purpose Inputs. The General
Purpose Inputs must be conditioned or otherwise disabled such that they do not drive incorrect strap input
values during the strap loading time.
TABLE 5-7:
GPIO ALTERNATE FUNCTIONS
GPIO
Alternate Function
Configuration Strap
Comments
GPIO23
SOF3
——
GPIO21
SOF1
GPIO20
PORT2LED2
PORT2_LED2_POL
To enable LED operation with either a
pull-up or pull-down, LED Polarity
takes on the inverted value of the
configuration strap. Refer to Section
5.17, "LEDs" and Section 3.3.4, "LED
Polarity (PORT[3:0]_LED[2:1]_POL)"
for additional information.
GPIO19
PORT2LED1
PORT2_LED1_POL
GPIO18
PORT1LED2
PORT1_LED2_POL
GPIO17
PORT1LED1
PORT1_LED1_POL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com