| Electronic Components Datasheet Search |
|
LAN8808D/KDX Datasheet(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8808D/KDX Datasheet(HTML) 17 Page - Microchip Technology |
|
17 / 80 page ![]() LAN8808D © 2026 Microchip Technology Inc. and its subsidiaries DS00005833C-page 17 System Reset RESET_N VIS (PU) Chip reset (active low). At power-up, RESET_N must not be de-asserted until all power and clocks have been stable for the specified minimum duration. Hardware pin configurations are strapped-in at the de-asser- tion (rising edge) of RESET_N. See the Configuration Strap Input Pins section for details. Port 0 LED 1 PORT0LED1 VO12/ VOD12/ VOS12 Programmable Port 0 LED 1 output. The polarity of this pin depends on the PORT0_LED1_POL configuration strap which is shared with this pin. Port 0 LED 2 PORT0LED2 VO12/ VOD12/ VOS12 Programmable Port 0 LED 2 output. The polarity of this pin depends on the PORT0_LED2_POL configuration strap which is shared with this pin. Port 1 LED 1 PORT1LED1 VO12/ VOD12/ VOS12 Programmable Port 1 LED 1 output. The polarity of this pin depends on the PORT1_LED1_POL configuration strap which is shared with this pin. Port 1 LED 2 PORT1LED2 VO12/ VOD12/ VOS12 Programmable Port 1 LED 2 output. The polarity of this pin depends on the PORT1_LED2_POL configuration strap which is shared with this pin. Port 2 LED 1 PORT2LED1 VO12/ VOD12/ VOS12 Programmable Port 2 LED 1 output. The polarity of this pin depends on the PORT2_LED1_POL configuration strap which is shared with this pin. Port 2 LED 2 PORT2LED2 VO12/ VOD12/ VOS12 Programmable Port 2 LED 2 output. The polarity of this pin depends on the PORT2_LED2_POL configuration strap which is shared with this pin. Port 3 LED 1 PORT3LED1 VO12/ VOD12/ VOS12 Programmable Port 3 LED 1 output. The polarity of this pin depends on the PORT3_LED1_POL configuration strap which is shared with this pin. Port 3 LED 2 PORT3LED2 VO12/ VOD12/ VOS12 Programmable Port 3 LED 2 output. The polarity of this pin depends on the PORT3_LED2_POL configuration strap which is shared with this pin. TABLE 3-5: MISCELLANEOUS PINS (CONTINUED) Name Symbol Buffer Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |