Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5524 Datasheet(PDF) 13 Page - Analog Devices

Part # LT5524
Description  Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5524 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT5524 Datasheet HTML 8Page - Analog Devices LT5524 Datasheet HTML 9Page - Analog Devices LT5524 Datasheet HTML 10Page - Analog Devices LT5524 Datasheet HTML 11Page - Analog Devices LT5524 Datasheet HTML 12Page - Analog Devices LT5524 Datasheet HTML 13Page - Analog Devices LT5524 Datasheet HTML 14Page - Analog Devices LT5524 Datasheet HTML 15Page - Analog Devices LT5524 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT5524
5524f
In fixed gain applications, the LT5524 can be set to 3dB
attenuation relative to maximum gain. As shown in the
Typical Performance Characteristics, this gives a 2dB
reduction in the output noise floor with no loss of linearity.
In general, the output noise floor can be reduced by
decreasing ROUT (and hence power gain), at the cost of
reduced OIP3.
LT5524 Characterization
The LT5524’s typical performance data are based on the
test circuits shown in Figures 9 and 10. Figure 9 does not
necessarily reflect the use of the LT5524 in an actual
application. (For that, see the Application Boards section.)
Rather, it represents a compromise that most accurately
measures the actual operation of the part by itself,
undistorted by the artifacts of the impedance transformation
network, or by external bandwidth limiting factors. Balun
transformers are used to interface with single-ended test
equipment. Input and output resistive attenuators (not
shown) provide broadband I/O impedance control. The
L1, L2 inductors are selected for maximally flat AC output
response. COUT (normally open) shows the placement of
capacitive loading when this is specified as a
characterization variable. The VCCO monitor pin allows
setting the output DC level (5V typical) by adjusting
voltage VOSUP.
APPLICATIO S I FOR ATIO
–
+
T1
1:1
T1
1:1
C7
47nF
DUT
LT5524
ROUT
VCCO
MONITOR
IN+
IN–
C2
0.1µF
C1
0.33µF
C8
47nF
ETC-1-
1-13
PGA0 PGA1 PGA2 PGA3
RSRC
50Ω
R9
35.7Ω
R10
35.7Ω
R7
35.7Ω
R8
35.7Ω
R5
51k
R6
51k
COUT
(OPT)
COUT
(OPT)
VSRC
VCC
L1
(OPT)
R3
37.4Ω
R1
25Ω
R2
25Ω
RLOAD
50Ω
R4
37.4Ω
C4
0.1µF
C5
47nF
C6
47nF
L2
(OPT)
C3
4.7µF
5524 F09
VOSUP
ETC-1-
1-13
ATT =
7.7dB
ROUT
100Ω
200Ω
R3, R4
37.4Ω
87.4Ω
ATT
9dB
12dB
L1, L2
0Ω
33nH
Figure 9. Characterization Board (Simplified Schematic)
C1
0.47µF
J1
0Ω
T1
1:2
IF
IN
T2
4:1
•
•
•
C2
0.1µF
ROUT
100Ω
RLOAD
50Ω
5524 F10
VOSUP
TC2-1T
TC4-1W
J2
0Ω
TRANSFORMER DEMO BOARD
RMATCH
255Ω
EN
VCC1
GND
GND
IN+
IN–
GND
GND
PGA0
PGA1
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
NC
VCC2
GND
GND
OUT–
OUT+
GND
GND
PGA3
PGA2
C3
4.7µF
IF
OUT
C4
0.1µF
LT5524
PGA1
EN
NC
VCC
PGA0
PGA2 PGA3
Figure 10. Output Transformer Application Board (Simplified Schematic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com