Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5524 Datasheet(PDF) 16 Page - Analog Devices

Part # LT5524
Description  Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5524 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT5524 Datasheet HTML 8Page - Analog Devices LT5524 Datasheet HTML 9Page - Analog Devices LT5524 Datasheet HTML 10Page - Analog Devices LT5524 Datasheet HTML 11Page - Analog Devices LT5524 Datasheet HTML 12Page - Analog Devices LT5524 Datasheet HTML 13Page - Analog Devices LT5524 Datasheet HTML 14Page - Analog Devices LT5524 Datasheet HTML 15Page - Analog Devices LT5524 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT5524
5524f
© LINEAR TECHNOLOGY CORPORATION 2004
LT/TP 0904 1K • PRINTED IN THE USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
Infrastructure
LT5511
High Linearity Upconverting Mixer
RF Output to 3GHz, 17dBm IIP3, Integrated LO Buffer
LT5512
DC-3GHz High Signal Level Downconverting Mixer
DC to 3GHz, 21dBm IIP3, Integrated LO Buffer
LT5514
Ultralow Distortion IF Amplifier/ADC Driver with Digitally
47dBm OIP3 at 100MHz, 33dB Maximum Gain, 22.5dB Gain
Controlled Gain
Control Range
LT5515
1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
20dBm IIP3, Integrated LO Quadrature Generator
LT5516
0.8GHz to 1.5GHz Direct Conversion Quadrature Demodulator
21.5dBm IIP3, Integrated LO Quadrature Generator
LT5517
40MHz to 900MHz Quadrature Demodulator
21dBm IIP3, Integrated LO Quadrature Generator
LT5519
0.7GHz to 1.4GHz High Linearity Upconverting Mixer
17.1dBm IIP3 at 1GHz, Integrated RF Output Transformer with 50Ω
Matching, Single-Ended LO and RF Ports Operation
LT5520
1.3GHz to 2.3GHz High Linearity Upconverting Mixer
15.9dBm IIP3 at 1.9GHz, Integrated RF Output Transformer with 50Ω
Matching, Single-Ended LO and RF Ports Operation
LT5521
3.7GHz Very High Linearity Upconverting Mixer
24.2dBm IIP3 at 1.9GHz, Wide 3.15V to 5.25V Supply Range,
–5dBm LO Drive, –42dBm LO-RF Leakage
LT5522
600MHz to 2.7GHz High Signal Level Downconverting Mixer
4.5V to 5.25V Supply, 25dBm IIP3 at 900MHz, NF = 12.5dB,
50Ω Single-Ended RF and LO Ports
LT5526
High Linearity, Low Power Downconverting Mixer
16.5dBm IIP3, 0.6dB Gain, 11dB NF at 900MHz,
28mA Supply Current
RF Power Detectors
LT5504
800MHz to 2.7GHz RF Measuring Receiver
80dB Dynamic Range, Temperature Compensated,
2.7V to 5.25V Supply
LTC
®5505
RF Power Detectors with >40dB Dynamic Range
300MHz to 3GHz, Temperature Compensated, 2.7V to 6V Supply
LTC5507
100kHz to 1000MHz RF Power Detector
100kHz to 1GHz, Temperature Compensated, 2.7V to 6V Supply
LTC5508
300MHz to 7GHz RF Power Detector
44dB Dynamic Range, Temperature Compensated, SC70 Package
LTC5509
300MHz to 3GHz RF Power Detector
36dB Dynamic Range, Low Power Consumption, SC70 Package
LTC5530
300MHz to 7GHz Precision RF Power Detector
Precision VOUT Offset Control, Shutdown, Adjustable Gain
LTC5531
300MHz to 7GHz Precision RF Power Detector
Precision VOUT Offset Control, Shutdown, Adjustable Offset
LTC5532
300MHz to 7GHz Precision RF Power Detector
Precision VOUT Offset Control, Adjustable Gain and Offset
LT5534
50MHz to 3GHz Wide Dynamic Range Log RF Power Detector
60dB Dynamic Range, Superb Temperature Stability and Accuracy,
Low Supply Current, SC70 Package
LTC5535
Precision RF Detector with 12MHz Baseband Bandwidth
600MHz to 7GHz Adjustable Gain, Precision VOUT Offset Control
Low Voltage RF Building Blocks
LT5500
1.8GHz to 2.7GHz Receiver Front End
1.8V to 5.25V Supply, Dual-Gain LNA, Mixer, LO Buffer
LT5502
400MHz Quadrature IF Demodulator with RSSI
1.8V to 5.25V Supply, 70MHz to 400MHz IF, 84dB Limiting Gain,
90dB RSSI Range
LT5503
1.2GHz to 2.7GHz Direct IQ Modulator and
1.8V to 5.25V Supply, Four-Step RF Power Control,
Upconverting Mixer
120MHz Modulation Bandwidth
LT5506
500MHz Quadrature IF Demodulator with VGA
1.8V to 5.25V Supply, 40MHz to 500MHz IF, –4dB to 57dB
Linear Power Gain, 8.8MHz Baseband Bandwidth
LT5546
500MHz Ouadrature IF Demodulator with
17MHz Baseband Bandwidth, 40MHz to 500MHz IF, 1.8V to 5.25V
VGA and 17MHz Baseband Bandwidth
Supply, –7dB to 56dB Linear Power Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com