Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2CC910OC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2CC910OC
Description  1:10 Clock Fanout Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2CC910OC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2CC910OC Datasheet HTML 1Page - Cypress Semiconductor CY2CC910OC Datasheet HTML 2Page - Cypress Semiconductor CY2CC910OC Datasheet HTML 3Page - Cypress Semiconductor CY2CC910OC Datasheet HTML 4Page - Cypress Semiconductor CY2CC910OC Datasheet HTML 5Page - Cypress Semiconductor CY2CC910OC Datasheet HTML 6Page - Cypress Semiconductor CY2CC910OC Datasheet HTML 7Page - Cypress Semiconductor CY2CC910OC Datasheet HTML 8Page - Cypress Semiconductor CY2CC910OC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1:10 Clock Fanout Buffer
COMLINK™ SERIES
CY2CC910
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document #: 38-07348 Rev. *B
Revised October 27, 2005
Features
• Low-voltage operation
• Full-range support:
—3.3V
—2.5V
—1.8V
• Over voltage tolerant input hot swappable
• 1:10 fanout
• Drives either a 50-Ohm or 75-Ohm load
• Low-input capacitance
• Low-output skew
• Low-propagation delay
• Typical (tpd < 4 ns)
• High-speed operation:
— 200 MHz@1.8V
— 650 MHz@2.5V/3.3V
• Industrial versions available
• Available packages include: SOIC, SSOP
Description
The Cypress series of network circuits are produced using
advanced 0.35 micron CMOS technology, achieving the indus-
tries fastest logic and buffers.
The Cypress CY2CC910 fanout buffer features one input and
ten outputs. Ideal for conversion from/to 3.3V/2.5V/1.8V
Designed for Data Communications clock management appli-
cations, the large fanout from a single input reduces loading
on the input clock.
Cypress employs unique AVCMOS type outputs VOI™
(Variable Output Impedance) that dynamically adjust for
variable impedance matching and eliminate the need for
series damping resistors and reduce noise overall.
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
20 pin SOIC/SSOP
VDD
Q10
Q9
GND
Q8
VDD
Q7
GND
Q6
Q5
IN
GND
Q1
VDD
Q2
GND
Q3
VDD
Q4
GND
OUTPUT
(AVCMOS)
IN
3
11
14
12
9
7
5
16
18
19
Q1
Q5
Q7
Q6
Q4
Q3
Q2
Q8
Q9
Q1 0
GN D
VD D
INPUT
(AVCMOS)
2,6,10
13 ,1 7
4,8
15 ,2 0
1
Block Diagram
Pin Configuration


Similar Part No. - CY2CC910OC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2CC910OC CYPRESS-CY2CC910OC Datasheet
133Kb / 8P
1:10 Clock Fanout Buffer
CY2CC910OC CYPRESS-CY2CC910OC Datasheet
472Kb / 11P
1:10 Clock Fanout Buffer
CY2CC910OCT CYPRESS-CY2CC910OCT Datasheet
133Kb / 8P
1:10 Clock Fanout Buffer
CY2CC910OCT CYPRESS-CY2CC910OCT Datasheet
472Kb / 11P
1:10 Clock Fanout Buffer
More results

Similar Description - CY2CC910OC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2CC810 CYPRESS-CY2CC810 Datasheet
115Kb / 7P
1:10 Clock Fanout Buffer
CY2CC1910 CYPRESS-CY2CC1910 Datasheet
129Kb / 8P
1:10 Clock Fanout Buffer with Output Enable
CY2CC1810 CYPRESS-CY2CC1810 Datasheet
128Kb / 8P
1:10 Clock Fanout Buffer with Output Enable
CY2CC910 CYPRESS-CY2CC910 Datasheet
133Kb / 8P
1:10 Clock Fanout Buffer
CY2PP3220 CYPRESS-CY2PP3220 Datasheet
190Kb / 9P
Dual 1:10 Differential Clock / Data Fanout Buffer
CY2CC810 CYPRESS-CY2CC810_06 Datasheet
262Kb / 9P
1:10 Clock Fanout Buffer
CY2CC910 CYPRESS-CY2CC910_08 Datasheet
472Kb / 11P
1:10 Clock Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8180A AKM-AK8180A Datasheet
580Kb / 12P
2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8180D AKM-AK8180D Datasheet
832Kb / 12P
2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8181H AKM-AK8181H Datasheet
542Kb / 12P
2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com